Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LSM6DSRTR Datasheet(PDF) 74 Page - STMicroelectronics

Part # LSM6DSRTR
Description  iNEMO inertial module: always-on 3D accelerometer and 3D gyroscope
PDF  168 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LSM6DSRTR Datasheet(HTML) 74 Page - STMicroelectronics

Back Button LSM6DSRTR Datasheet HTML 70Page - STMicroelectronics LSM6DSRTR Datasheet HTML 71Page - STMicroelectronics LSM6DSRTR Datasheet HTML 72Page - STMicroelectronics LSM6DSRTR Datasheet HTML 73Page - STMicroelectronics LSM6DSRTR Datasheet HTML 74Page - STMicroelectronics LSM6DSRTR Datasheet HTML 75Page - STMicroelectronics LSM6DSRTR Datasheet HTML 76Page - STMicroelectronics LSM6DSRTR Datasheet HTML 77Page - STMicroelectronics LSM6DSRTR Datasheet HTML 78Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 74 / 168 page
background image
9.44
TAP_CFG0 (56h)
Activity/inactivity functions, configuration of filtering, and tap recognition functions (r/w)
Table 122. TAP_CFG0 register
0(1)
INT_CLR_
ON_READ
SLEEP_STATUS
_ON_INT
SLOPE_
FDS
TAP_X_EN
TAP_Y_EN
TAP_Z_EN
LIR
1. This bit must be set to '0' for the correct operation of the device.
Table 123. TAP_CFG0 register description
INT_CLR_ON_READ
This bit allows immediately clearing the latched interrupts of an event detection upon the read of
the corresponding status register. It must be set to 1 together with LIR. Default value: 0
(0: latched interrupt signal cleared at the end of the ODR period;
1: latched interrupt signal immediately cleared)
SLEEP_STATUS_ON_INT
Activity/inactivity interrupt mode configuration.
If INT1_SLEEP_CHANGE or INT2_SLEEP_CHANGE bits are enabled, drives the sleep status or
sleep change on the INT pins. Default value: 0
(0: sleep change notification on INT pins; 1: sleep status reported on INT pins)
SLOPE_FDS
HPF or SLOPE filter selection on wake-up and Activity/Inactivity functions. Default value: 0
(0: SLOPE filter applied; 1: HPF applied)
TAP_X_EN
Enable X direction in tap recognition. Default value: 0
(0: X direction disabled; 1: X direction enabled)
TAP_Y_EN
Enable Y direction in tap recognition. Default value: 0
(0: Y direction disabled; 1: Y direction enabled)
TAP_Z_EN
Enable Z direction in tap recognition. Default value: 0
(0: Z direction disabled; 1: Z direction enabled)
LIR
Latched Interrupt. Default value: 0
(0: interrupt request not latched; 1: interrupt request latched)
LSM6DSR
TAP_CFG0 (56h)
DS11976 - Rev 2
page 74/168



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com