Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LSM6DSRTR Datasheet(PDF) 92 Page - STMicroelectronics

Part # LSM6DSRTR
Description  iNEMO inertial module: always-on 3D accelerometer and 3D gyroscope
PDF  168 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LSM6DSRTR Datasheet(HTML) 92 Page - STMicroelectronics

Back Button LSM6DSRTR Datasheet HTML 88Page - STMicroelectronics LSM6DSRTR Datasheet HTML 89Page - STMicroelectronics LSM6DSRTR Datasheet HTML 90Page - STMicroelectronics LSM6DSRTR Datasheet HTML 91Page - STMicroelectronics LSM6DSRTR Datasheet HTML 92Page - STMicroelectronics LSM6DSRTR Datasheet HTML 93Page - STMicroelectronics LSM6DSRTR Datasheet HTML 94Page - STMicroelectronics LSM6DSRTR Datasheet HTML 95Page - STMicroelectronics LSM6DSRTR Datasheet HTML 96Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 92 / 168 page
background image
11
Embedded functions register description
11.1
PAGE_SEL (02h)
Enable advanced features dedicated page (r/w)
Table 178. PAGE_SEL register
PAGE_SEL3
PAGE_SEL2
PAGE_SEL1
PAGE_SEL0
0(1)
0(1)
0(1)
1(2)
1. This bit must be set to '0' for the correct operation of the device.
2. This bit must be set to '1' for the correct operation of the device.
Table 179. PAGE_SEL register description
PAGE_SEL[3:0]
Select the advanced features dedicated page
Default value: 0000
11.2
ADV_PEDO (03h)
Enable/disable pedometer advanced features register (r/w)
Table 180. EMB_FUNC_EN_A register
0(1)
0(1)
0(1)
0(1)
0(1)
0(1)
PEDO_FPR
_ADF_DIS
0(1)
1. This bit must be set to '0' for the correct operation of the device.
Table 181. EMB_FUNC_EN_A register description
PEDO_FPR_ADF_DIS
Disable pedometer false-positive rejection block and advanced detection feature block.
Default value: 1
(0: Pedometer false-positive rejection block and advanced detection feature block enabled;
1: Pedometer false-positive rejection block and advanced detection feature block disabled)
LSM6DSR
Embedded functions register description
DS11976 - Rev 2
page 92/168



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com