Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LSM6DSRTR Datasheet(PDF) 147 Page - STMicroelectronics

Part # LSM6DSRTR
Description  iNEMO inertial module: always-on 3D accelerometer and 3D gyroscope
PDF  168 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LSM6DSRTR Datasheet(HTML) 147 Page - STMicroelectronics

Back Button LSM6DSRTR Datasheet HTML 143Page - STMicroelectronics LSM6DSRTR Datasheet HTML 144Page - STMicroelectronics LSM6DSRTR Datasheet HTML 145Page - STMicroelectronics LSM6DSRTR Datasheet HTML 146Page - STMicroelectronics LSM6DSRTR Datasheet HTML 147Page - STMicroelectronics LSM6DSRTR Datasheet HTML 148Page - STMicroelectronics LSM6DSRTR Datasheet HTML 149Page - STMicroelectronics LSM6DSRTR Datasheet HTML 150Page - STMicroelectronics LSM6DSRTR Datasheet HTML 151Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 147 / 168 page
background image
17
Package information
In order to meet environmental requirements, ST offers these devices in different grades of ECOPACK packages,
depending on their level of environmental compliance. ECOPACK specifications, grade definitions and product
status are available at: www.st.com. ECOPACK is an ST trademark.
17.1
LGA-14L package information
Figure 26. LGA-14L 2.5 x 3.0 x 0.86 mm package outline and mechanical data
W
H
4x
(0.1)
14x
0.475±0.05
14x
0.25±0.05
0.5
Pin1 indicator
Pin1 indicator
BOTTOM VIEW
TOP VIEW
1
Dimensions are in millimeter unless otherwise specified
General tolerance is +/-0.1mm unless otherwise specified
OUTER DIMENSIONS
ITEM
DIMENSION [mm]
TOLERANCE [mm]
1
.
0
±
0
5
.
2
]
L
[
h
t
g
n
e
L
1
.
0
±
0
0
.
3
]
W
[
h
t
d
i
W
X
A
M
6
8
.
0
]
H
[
t
h
g
i
e
H
DM00249496_1
LSM6DSR
Package information
DS11976 - Rev 2
page 147/168



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com