Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STM32H723VG Datasheet(PDF) 164 Page - STMicroelectronics

Part # STM32H723VG
Description  32-bit Arm® Cortex®-M7 550 MHz MCU, up to 1 MB Flash memory, 564 KB RAM, 35 comms peripherals and analog interfaces
PDF  227 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32H723VG Datasheet(HTML) 164 Page - STMicroelectronics

Back Button STM32H723VG Datasheet HTML 160Page - STMicroelectronics STM32H723VG Datasheet HTML 161Page - STMicroelectronics STM32H723VG Datasheet HTML 162Page - STMicroelectronics STM32H723VG Datasheet HTML 163Page - STMicroelectronics STM32H723VG Datasheet HTML 164Page - STMicroelectronics STM32H723VG Datasheet HTML 165Page - STMicroelectronics STM32H723VG Datasheet HTML 166Page - STMicroelectronics STM32H723VG Datasheet HTML 167Page - STMicroelectronics STM32H723VG Datasheet HTML 168Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 164 / 227 page
background image
Electrical characteristics
STM32H723xE/G
164/227
DS13313 Rev 2
6.3.22
12-bit ADC characteristics
Unless otherwise specified, the parameters given in Table 82, Table 83 and Table 84 are
derived from tests performed under the ambient temperature and VDDA supply voltage
conditions summarized in Table 12: General operating conditions. In Table 82, Table 83 and
Table 84, fADC refers to fadc_ker_ck.
Table 82. 12-bit ADC characteristics(1)(2)
Sym-
bol
Parameter
Conditions
Min
Typ
Max
Unit
VDDA
Analog
power
supply for
ADC ON
-1.62
-
3.6
V
VREF+
(3)
Positive
reference
voltage
VDDA ≥ VREF+
1.62
-
VDDA
VREF-
Negative
reference
voltage
-VSSA
--
fADC
ADC clock
frequency
1,62 V ≤ VDDA ≤ 3.6 V
1.5
-
75
MHz
fS(4)
Sampling
rate for
Direct
channels
Resolution
= 12 bits
Continuous
and
Discontinuous
mode(5)
2.4 V ≤ VDDA ≤ 3.6 V
–40 °C ≤ TJ ≤ 130 °C
fADC = 75
MHz
SMP
= 2.5
--
5
MSPS
1.6V ≤ VDDA≤ 3.6 V
fADC = 60
MHz
--
4
Single mode
2.4 V ≤ VDDA ≤ 3.6 V
fADC = 50
MHz(6)
--
3.33
1.6 V ≤ VDDA ≤ 3.6 V
fADC = 38
MHz(6)
--
2.53
Resolution
= 10 bits
Continuous
and
Discontinuous
mode(5)
1.6V ≤ VDDA ≤ 3.6V
–40 °C ≤ TJ ≤ 130 °C
fADC = 75
MHz
SMP
= 2.5
--
5.77
Single mode
2.4 V ≤ VDDA ≤ 3.6 V
fADC = 58
MHz(6)
--
4.46
1.6V ≤ VDDA ≤ 3.6V
fADC = 42
MHz(6)
--
3.23
Resolution
= 8 bits
Continuous
and
Discontinuous
mode(5)
1.6V ≤ VDDA ≤ 3.6V
–40 °C ≤ TJ ≤ 130 °C
fADC = 75
MHz
SMP
= 2.5
--
6.82
Single mode
2.4 V ≤ VDDA ≤ 3.6 V
fADC = 67
MHz(6)
--
6.09
1.6V ≤ VDDA ≤ 3.6V
fADC = 48
MHz(6)
--
4.36
Resolution
= 6 bits
Continuous
and
Discontinuous
mode(5)
1.6V ≤ VDDA ≤ 3.6V
–40 °C ≤ TJ ≤ 130 °C
fADC = 75
MHz
SMP
= 2.5
--
8.33
Single mode
2.4 V ≤ VDDA ≤ 3.6 V
fADC = 75
MHz(6)
--
8.33
1.6V ≤ VDDA ≤ 3.6V
fADC = 55
MHz(6)
--
6.11



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com