Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STM32H723VG Datasheet(PDF) 166 Page - STMicroelectronics

Part # STM32H723VG
Description  32-bit Arm® Cortex®-M7 550 MHz MCU, up to 1 MB Flash memory, 564 KB RAM, 35 comms peripherals and analog interfaces
PDF  227 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32H723VG Datasheet(HTML) 166 Page - STMicroelectronics

Back Button STM32H723VG Datasheet HTML 162Page - STMicroelectronics STM32H723VG Datasheet HTML 163Page - STMicroelectronics STM32H723VG Datasheet HTML 164Page - STMicroelectronics STM32H723VG Datasheet HTML 165Page - STMicroelectronics STM32H723VG Datasheet HTML 166Page - STMicroelectronics STM32H723VG Datasheet HTML 167Page - STMicroelectronics STM32H723VG Datasheet HTML 168Page - STMicroelectronics STM32H723VG Datasheet HTML 169Page - STMicroelectronics STM32H723VG Datasheet HTML 170Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 166 / 227 page
background image
Electrical characteristics
STM32H723xE/G
166/227
DS13313 Rev 2
CADC
Internal
sample and
hold
capacitor
--
5
-
pF
tADCV
REG_
STUP
ADC LDO
startup time
--
5
10
µs
tSTAB
ADC power-
up time
LDO already started
1
-
-
con-
version
cycle
tOFF_
CAL
Offset
calibration
time
-
135
-
-
1/fADC
tLATR
Trigger
conversion
latency for
regular and
injected
channels
without
aborting the
conversion
CKMODE = 00
1.5
2
2.5
CKMODE = 01
-
-
2.5
CKMODE = 10
-
-
2.5
CKMODE = 11
-
-
2.25
tLATR
INJ
Trigger
conversion
latency for
regular and
injected
channels
when a
regular
conversion
is aborted
CKMODE = 00
2.5
3
3.5
CKMODE = 01
-
-
3.5
CKMODE = 10
-
-
3.5
CKMODE = 11
-
-
3.25
tS
Sampling
time
-
2.5
-
640.5
tCONV
Total
conversion
time
(including
sampling
time)
N-bits resolution
tS +
0.5 +
N
--
IDDA_
D(ADC)
ADC
consumption
on VDDA and
VREF,
Differential
mode
fS= 5 MSPS
-
430
-
µA
fS = 1 MSPS
-
133
-
fS = 0.1 MSPS
-
51
-
IDDA_
SE
(ADC)
ADC
consumption
on VDDA and
VREF,
Single-
ended mode
fS= 5 MSPS
-
350
-
fS = 1 MSPS
-
122
-
fS = 0.1 MSPS
-
47
-
IDD
(ADC)
ADC
consumption
on VDD per
fADC
--
2.4
-
µA/
MHz
1. Guaranteed by design.
2. The voltage booster on ADC switches must be used for VDDA < 2.4 V (embedded I/O switches).
3. Depending on the package, VREF+ can be internally connected to VDDA and VREF- to VSSA.
4. Guaranteed by characterization for BGA and CSP packages. The values for LQFP packages may be different.
Table 82. 12-bit ADC characteristics(1)(2) (continued)
Sym-
bol
Parameter
Conditions
Min
Typ
Max
Unit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com