Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STM32H723VG Datasheet(PDF) 169 Page - STMicroelectronics

Part # STM32H723VG
Description  32-bit Arm® Cortex®-M7 550 MHz MCU, up to 1 MB Flash memory, 564 KB RAM, 35 comms peripherals and analog interfaces
PDF  227 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32H723VG Datasheet(HTML) 169 Page - STMicroelectronics

Back Button STM32H723VG Datasheet HTML 165Page - STMicroelectronics STM32H723VG Datasheet HTML 166Page - STMicroelectronics STM32H723VG Datasheet HTML 167Page - STMicroelectronics STM32H723VG Datasheet HTML 168Page - STMicroelectronics STM32H723VG Datasheet HTML 169Page - STMicroelectronics STM32H723VG Datasheet HTML 170Page - STMicroelectronics STM32H723VG Datasheet HTML 171Page - STMicroelectronics STM32H723VG Datasheet HTML 172Page - STMicroelectronics STM32H723VG Datasheet HTML 173Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 169 / 227 page
background image
DS13313 Rev 2
169/227
STM32H723xE/G
Electrical characteristics
208
3. Direct channels are connected to analog I/Os (PA0_C, PA1_C, PC2_C and PC3_C) to optimize ADC performance.
4. Fast channels correspond to ADCx_INx[0:5].
5. Slow channels correspond to all ADC inputs except for the Direct and Fast channels.
Table 84. 12-bit ADC accuracy(1)(2)
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
ET
Total
unadjusted
error
Direct channel
Single
ended
-3.5
5
±LSB
Differential
-
2.5
3
Fast channel
Single
ended
-3.5
5
Differential
-
2.5
3
Slow channel
Single
ended
-3.5
5
Differential
-
2.5
3
EO
Offset error
-
-
+/-2
+/-5
EG
Gain error
-
-
TBD
(3)
-
ED
Differential
linearity
error
Single ended
-
+/-
0.75
+1.5/-
1
Differential
-
+/-0.5
+1.25
/-1
EL
Integral
linearity
error
Direct channel
Single
ended
-
+/-1 +/-2.5
Differential
-
+/-1
+/-2
Fast channel
Single
ended
-
+/-1 +/-2.5
Differential
-
+/-1
+/-2
Slow channel
Single
ended
-
+/-1 +/-2.5
Differential
-
+/-1
+/-2
ENOB
Effective
number of
bits
Single ended
-
11.2
-
bits
Differential
-
11.5
-
SINAD
Signal-to-
noise and
distortion
ratio
Single ended
-
68.9
-
dB
Differential
-
71.1
-
SNR
Signal-to-
noise ratio
Single ended
-
69.1
-
Differential
-
71.4
-
THD
Total
harmonic
distortion
Single ended
-
-79.6
-
Differential
-
-81.8
-



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com