Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STM32H723VG Datasheet(PDF) 167 Page - STMicroelectronics

Part # STM32H723VG
Description  32-bit Arm® Cortex®-M7 550 MHz MCU, up to 1 MB Flash memory, 564 KB RAM, 35 comms peripherals and analog interfaces
PDF  227 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32H723VG Datasheet(HTML) 167 Page - STMicroelectronics

Back Button STM32H723VG Datasheet HTML 163Page - STMicroelectronics STM32H723VG Datasheet HTML 164Page - STMicroelectronics STM32H723VG Datasheet HTML 165Page - STMicroelectronics STM32H723VG Datasheet HTML 166Page - STMicroelectronics STM32H723VG Datasheet HTML 167Page - STMicroelectronics STM32H723VG Datasheet HTML 168Page - STMicroelectronics STM32H723VG Datasheet HTML 169Page - STMicroelectronics STM32H723VG Datasheet HTML 170Page - STMicroelectronics STM32H723VG Datasheet HTML 171Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 167 / 227 page
background image
DS13313 Rev 2
167/227
STM32H723xE/G
Electrical characteristics
208
5. The conversion of the first element in the group is excluded.
6. fADC value corresponds to the maximum frequency that can be reached considering a 2.5 sampling period. For other SMPy
sampling periods, the maximum frequency is fADC value * SMPy / 2.5 with a limitation to 75 MHz.
7. The tolerance is 2 LSBs for 12-bit, 10-bit and 8-bit resolutions. It is otherwise specified.
Table 83. Minimum sampling time vs RAIN (12-bit ADC)(1)(2)
Resolution
RAIN (Ω)
Minimum sampling time (s)
Direct channels(3)
Fast channels(4)
Slow channels(5)
12 bits
47
5.55E-08
7.04E-08
1.03E-07
68
5.76E-08
7.22E-08
1.05E-07
100
6.17E-08
7.65E-08
1.07E-07
150
7.02E-08
8.45E-08
1.13E-07
220
8.59E-08
1.00E-07
1.22E-07
330
1.11E-07
1.26E-07
1.41E-07
470
1.46E-07
1.61E-07
1.69E-07
680
1.98E-07
2.17E-07
2.25E-07
10 bits
47
4.90E-08
6.06E-08
8.77E-08
68
5.07E-08
6.27E-08
8.95E-08
100
5.41E-08
6.67E-08
9.22E-08
150
6.18E-08
7.50E-08
9.59E-08
220
7.51E-08
8.70E-08
1.04E-07
330
9.46E-08
1.07E-07
1.17E-07
470
1.22E-07
1.34E-07
1.42E-07
680
1.63E-07
1.77E-07
1.86E-07
1000
2.27E-07
2.42E-07
2.43E-07
1500
3.27E-07
3.40E-07
3.35E-07
2200
4.53E-07
4.86E-07
4.73E-07
3300
6.56E-07
6.93E-07
6.72E-07



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com