Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STM32H723VG Datasheet(PDF) 165 Page - STMicroelectronics

Part # STM32H723VG
Description  32-bit Arm® Cortex®-M7 550 MHz MCU, up to 1 MB Flash memory, 564 KB RAM, 35 comms peripherals and analog interfaces
PDF  227 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32H723VG Datasheet(HTML) 165 Page - STMicroelectronics

Back Button STM32H723VG Datasheet HTML 161Page - STMicroelectronics STM32H723VG Datasheet HTML 162Page - STMicroelectronics STM32H723VG Datasheet HTML 163Page - STMicroelectronics STM32H723VG Datasheet HTML 164Page - STMicroelectronics STM32H723VG Datasheet HTML 165Page - STMicroelectronics STM32H723VG Datasheet HTML 166Page - STMicroelectronics STM32H723VG Datasheet HTML 167Page - STMicroelectronics STM32H723VG Datasheet HTML 168Page - STMicroelectronics STM32H723VG Datasheet HTML 169Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 165 / 227 page
background image
DS13313 Rev 2
165/227
STM32H723xE/G
Electrical characteristics
208
fS(4)
(conti-
nued)
Sampling
rate for fast
channels
(VIN[0:5])
Resolution
= 12 bits
Continuous
and
Discontinuous
mode(5)
2.4 V ≤ VDDA ≤ 3.6 V
–40 °C ≤ TJ ≤ 130 °C
fADC = 65
MHz
SMP
= 2.5
--
4.33
MSPS
1.6V ≤ VDDA ≤ 3.6V
fADC = 58
MHz
--
3.87
Single mode
2.4 V ≤ VDDA ≤ 3.6 V
fADC = 32
MHz(6)
--
2.13
1.6V ≤ VDDA ≤ 3.6V
fADC =
26 MHz(6)
--
1.73
Resolution
= 10 bits
Continuous
and
Discontinuous
mode(5)
1.6V ≤ VDDA ≤ 3.6V
–40 °C ≤ TJ ≤ 130 °C
fADC = 75
MHz
SMP
= 2.5
--
5.77
Single mode
2.4 V ≤ VDDA ≤ 3.6 V
fADC = 36
MHz(6)
--
2.77
1.6V ≤ VDDA ≤ 3.6V
fADC = 30
MHz(6)
--
2.31
Resolution
= 8 bits
Continuous
and
Discontinuous
mode(5)
1.6V ≤ VDDA ≤ 3.6V
–40 °C ≤ TJ ≤ 130 °C
fADC = 75
MHz
SMP
= 2.5
--
6.82
Single mode
2.4 V ≤ VDDA ≤ 3.6 V
fADC =44
MHz(6)
--
4.00
1.6V ≤ VDDA ≤ 3.6V
fADC = 35
MHz(6)
--
3.18
Resolution
= 6 bits
Continuous
and
Discontinuous
mode(5)
1.6V ≤ VDDA ≤ 3.6V
–40 °C ≤ TJ ≤ 130 °C
fADC = 75
MHz
SMP
= 2.5
--
8.33
Single mode
2.4 V ≤ VDDA ≤ 3.6 V
fADC = 56
MHz(6)
--
6.22
1.6V ≤ VDDA ≤ 3.6V
fADC = 42
MHz(6)
--
4.66
Sampling
rate for slow
channels
Resolution
= 12 bits
-
-
–40 °C ≤ TJ ≤ 130 °C
fADC = 15
MHz(6)
SMP
= 2.5
--
1.00
Resolution
= 10 bits
--
1.28
Resolution
= 8 bits
--
1.63
Resolution
= 6 bits
--
2.08
tTRIG
External
trigger
period
Resolution = 12 bits
-
-
15
1/fADC
VAIN
Conversion
voltage
range
-0
-
VREF+
V
VCMIV
Common
mode input
voltage
-
VREF
/2−
10%
VREF
/2
VREF/2
+ 10%
RAIN
(7)
External
input
impedance
Resolution = 12 bits, TJ = 125 °C
-
-
220
Ω
Resolution = 10 bits, TJ = 125 °C
-
-
2100
Resolution = 8 bits, TJ = 125 °C
-
-
12000
Resolution = 6 bits, TJ = 125 °C
-
-
80000
Table 82. 12-bit ADC characteristics(1)(2) (continued)
Sym-
bol
Parameter
Conditions
Min
Typ
Max
Unit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com