Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADL5566ACPZ-R7 Datasheet(PDF) 3 Page - Analog Devices

Part # ADL5566ACPZ-R7
Description  4.5 GHz Ultrahigh Dynamic Range, Dual Differential Amplifier
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADL5566ACPZ-R7 Datasheet(HTML) 3 Page - Analog Devices

  ADL5566ACPZ-R7 Datasheet HTML 1Page - Analog Devices ADL5566ACPZ-R7 Datasheet HTML 2Page - Analog Devices ADL5566ACPZ-R7 Datasheet HTML 3Page - Analog Devices ADL5566ACPZ-R7 Datasheet HTML 4Page - Analog Devices ADL5566ACPZ-R7 Datasheet HTML 5Page - Analog Devices ADL5566ACPZ-R7 Datasheet HTML 6Page - Analog Devices ADL5566ACPZ-R7 Datasheet HTML 7Page - Analog Devices ADL5566ACPZ-R7 Datasheet HTML 8Page - Analog Devices ADL5566ACPZ-R7 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 24 page
background image
Data Sheet
ADL5566
Rev. C | Page 3 of 24
SPECIFICATIONS
VS = 3.3 V, VCM = 1.65 V, VS = 5 V, VCM = 2.5 V, RL = 200 Ω differential, AV = 16 dB, CL = 1 pF differential, f = 100 MHz, TA = 25°C,
parameters specified as ac-coupled differential input and differential output, unless otherwise noted.
Table 1.
Test Conditions/
3.3 V
5 V
Parameter
Comments
Min
Typ
Max
Min
Typ
Max
Unit
DYNAMIC PERFORMANCE
−3 dB Bandwidth
AV = 16 dB, VOUT ≤ 0.5 V p-p
4500
4500
MHz
Bandwidth 0.1 dB Flatness
VOUT ≤ 1.0 V p-p
500
500
MHz
Gain Accuracy
±1
±1
dB
Gain Error
≤1000 MHz, Channel A to
Channel B
≤0.02
≤0.02
dB
Phase Error
≤1000 MHz, Channel A to
Channel B
≤0.5
≤0.5
Degrees
Gain Supply Sensitivity
VS ± 5%
3.4
5.6
mdB/V
Gain Temperature Sensitivity
−40°C to +85°C
0.5
0.5
mdB/°C
Slew Rate
Rise, AV = 16 dB, RL = 200 Ω,
VOUT = 2 V step
16
18
V/ns
Fall, AV = 16 dB, RL = 200 Ω,
VOUT = 2 V step
18
20
V/ns
Settling Time
2 V step to 1%
890
750
ps
Overdrive Recovery Time
VIN = 4 V to 0 V step,
VOUT ≤ ±10 mV
2.5
2.5
ns
Reverse Isolation (S12)
75
75
dB
Channel Isolation
Channel A to Channel B
AV = 16 dB
82.5
82.5
dB
INPUT/OUTPUT CHARACTERISTICS
Input Common-Mode Range
1.2
1.8
1.3
3.5
V
Input Resistance (Differential)
AV = 16 dB
160
160
Ω
Input Resistance (Single-Ended)
AV = 14 dB
150
150
Ω
Input Capacitance (Single-Ended)
1.1
1.1
pF
Input Bias Current
±5
±5
µA
CMRR
44
44
dB
Output Common-Mode Range
1.25
1.8
1.25
3
V
Output Common-Mode Offset
Referenced to VCC/2
−100
+20
−100
+20
mV
Output Common-Mode Drift
−40°C to +85°C
2
3.5
mV/°C
Output Differential Offset Voltage
−20
+20
−20
+20
mV
Output Differential Offset Drift
−40°C to +85°C
1.1
1.7
mV/°C
Output Resistance (Differential)
11
11
Ω
Maximum Output Voltage Swing
1 dB compressed
3.4
5
V p-p
POWER INTERFACE
Supply Voltage
2.8
3.3
5.2
2.8
5
5.2
V
ENBL1/ENBL2 Threshold
Device disabled, ENBL low
0.5
0.6
V
Device enabled, ENBL high
1.5
1.5
V
ENBL1/ENBL2 Input Bias Current
ENBL high
500
500
nA
ENBL low
−165
−165
µA
Quiescent Current
ENBL high
140
150
160
175
mA
ENBL low
7
9
mA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com