Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADL5566ACPZ-R7 Datasheet(PDF) 22 Page - Analog Devices

Part # ADL5566ACPZ-R7
Description  4.5 GHz Ultrahigh Dynamic Range, Dual Differential Amplifier
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADL5566ACPZ-R7 Datasheet(HTML) 22 Page - Analog Devices

Back Button ADL5566ACPZ-R7 Datasheet HTML 16Page - Analog Devices ADL5566ACPZ-R7 Datasheet HTML 17Page - Analog Devices ADL5566ACPZ-R7 Datasheet HTML 18Page - Analog Devices ADL5566ACPZ-R7 Datasheet HTML 19Page - Analog Devices ADL5566ACPZ-R7 Datasheet HTML 20Page - Analog Devices ADL5566ACPZ-R7 Datasheet HTML 21Page - Analog Devices ADL5566ACPZ-R7 Datasheet HTML 22Page - Analog Devices ADL5566ACPZ-R7 Datasheet HTML 23Page - Analog Devices ADL5566ACPZ-R7 Datasheet HTML 24Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 22 / 24 page
background image
ADL5566
Data Sheet
Rev. C | Page 22 of 24
1
24
ADL5566
VIIN1
VIP1
NC
NC
VIP2
VIN2
VON1
VOP1
NC
NC
VOP2
VON2
23
22
21
20
19
7
8
9
10
11
12
2
3
4
5
6
18
17
16
15
14
13
EXPOSED PADDLE
VPOS
VCOM-2
VCC
VCOM-1
VCC
VPOS
ENBL_1
ENBL_2
2
2
C11
DNI
DNI
DNI
R28
DNI
T3
T4
GND
+
VCC
VCC
R5
0Ω
R24
0Ω
R21
0Ω
R8
0Ω
C3
0.1µF
C4
0.1µF
C6
0.1µF
C7
0.1µF
C5
0.1µF
L1
5.1nH
C18
0.01µF
C17
0.01µF
C19
0.01µF
C20
0.01µF
C21
10µF
R13
84.5Ω
R14
84.5Ω
R16
84.5Ω
R15
84.5Ω
R19
34.8Ω
R20
34.8Ω
R18
34.8Ω
R17
34.8Ω
R27
DNI
R26
0Ω
R25
0Ω
C10
DNI
C12
DNI
DNI
2
T1
R1
DNI
C14
0.01µF
C13
0.01µF
R10
36Ω
R9
36Ω
DNI
2
C2
0.1µF
DNI
T2
C15
0.01µF
C16
0.01µF
R2
DNI
R4
0Ω
R3
0Ω
R12
36Ω
R11
36Ω
VIN1
VIP1
C1
VIP2
VIN2
VOP1
VON1
VON2
VOP2
L2
5.1nH
Figure 53. Evaluation Board Schematic
Table 7. Evaluation Board Configuration Options
Component
Description
Default Condition
VPOS, GND
Ground and supply test loops.
VPOS, GND = installed
C5, C7, C21, L1,
L2
Power supply decoupling. The supply decoupling consists of a 10 μF capacitor (C21) and
two 0.1μF capacitors, C5 and C7, connected between the supply lines and ground.
L1 and L2 decouple the ADL5566 from the power supply.
C21 = 10 μF (Size D),
C5, C7 = 0.1 μF (Size 0402),
L1, L2 = 5.1 nH (Size 0603)
VIN1, VIP1, VIP2,
VIN2, R1, R2, R3,
R4, R5, R8, R9,
R10, R11, R12,
R21, R24, C13,
C1, C12, C14,
C15, C16, T1, T2
Input interface. The SMA labeled VIN1 is the input to Amplifier 1. T1 is a 1:1
impedance ratio balun to transform a single-ended input into a balanced differential
signal. Removing R3, installing R1 (0 Ω), and installing an SMA connector (VIP1) allow
driving from a differential source. C13 and C14 provide ac coupling. C12 is an
optional bypass capacitor. R9 and R10 provide a differential 50 Ω input termination. The
SMA labeled VIP2 is the input to Amplifier 2. T2 is a 1:1 impedance ratio balun to
transform a single-ended input into a balanced differential signal. Removing R4,
installing R2 (0 Ω), and installing an SMA connector (VIN2) allow driving from a
differential source. C15 and C16 provide ac coupling. C1 is an optional by pass capacitor.
R11 and R12 provide a differential 50 Ω input termination.
VIN1, VIP2 = installed,
VIP1, VIN2 = not installed,
R1, R2 = DNI,
R3, R4, R5, R8, R21, R24 = 0 Ω
(Size 0402),
R9, R10, R11, R12 = 36 Ω (Size 0402),
C13, C14, C15, C16 = 0.01 μF
(Size 0402),
C1, C12 = DNI,
T1, T2 = ETC1-1-13 (M/A-COM)
VOP1, VON1,
VON2, VOP2,
C10, C11, C17,
C18, C19, C20,
R13, R14, R15,
R16, R17, R18,
R19, R20, R25,
R26, R27, R28,
T3, T4
Output interface. The SMA labeled VOP1 is the output for Amplifier 1. T3 is a 1:1
impedance ratio balun used to transform a balanced differential signal to a single-
ended signal. Removing R25, installing R27 (0 Ω), and installing an SMA connector
(VON1) allow differential loading. C10 is an optional bypass capacitor. C17 and C18
provide ac coupling. R13, R14, R17, and R16 are provided for generic placement of
matching components.
The SMA labeled VON2 is the output for Amplifier 2. T4 is a 1:1 impedance ratio balun
used to transform a balanced differential signal to a single-ended signal. Removing R26,
installing R28 (0 Ω), and installing an SMA connector (VOP2) allow differential loading.
C11 is an optional bypass capacitor. C19 and C20 provide ac coupling. R15, R16, R19,
and R20 are provided for generic placement of matching components.
The evaluation board is configured to provide a 200 Ω to 50 Ω impedance
transformation with an insertion loss of 11 dB.
VOP1, VON2 = installed,
VON1, VOP2 = not installed,
R13, R14, R15, R16 = 84.5 Ω
(Size 0402),
R17, R18, R19, R20 = 34.8 Ω
(Size 0402),
R25, R26 = 0 Ω (Size 0402),
R27, R28 = DNI (Size 0402),
C10, C11 = DNI (Size 0402),
C17, C18 = 0.01 μF (Size 0402),
C19, C20 = 0.01 μF (Size 0402),
T3, T4 = ETC1-1-13 (M/A-COM)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com