Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADL5566ACPZ-R7 Datasheet(PDF) 23 Page - Analog Devices

Part # ADL5566ACPZ-R7
Description  4.5 GHz Ultrahigh Dynamic Range, Dual Differential Amplifier
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADL5566ACPZ-R7 Datasheet(HTML) 23 Page - Analog Devices

Back Button ADL5566ACPZ-R7 Datasheet HTML 16Page - Analog Devices ADL5566ACPZ-R7 Datasheet HTML 17Page - Analog Devices ADL5566ACPZ-R7 Datasheet HTML 18Page - Analog Devices ADL5566ACPZ-R7 Datasheet HTML 19Page - Analog Devices ADL5566ACPZ-R7 Datasheet HTML 20Page - Analog Devices ADL5566ACPZ-R7 Datasheet HTML 21Page - Analog Devices ADL5566ACPZ-R7 Datasheet HTML 22Page - Analog Devices ADL5566ACPZ-R7 Datasheet HTML 23Page - Analog Devices ADL5566ACPZ-R7 Datasheet HTML 24Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 23 / 24 page
background image
Data Sheet
ADL5566
Rev. C | Page 23 of 24
Component
Description
Default Condition
ENBL_1,
ENBL_2, C3, C4
Device enable. ENBL_1 is the enable for Amplifier 1. Connecting a jumper between
Pin 2 and VPOS enables Amplifier 1. C3 is a bypass capacitor. ENBL_2 is the enable for
Amplifier 2. Connecting a jumper between Pin 2 and VPOS enables Amplifier 2. C4 is
a bypass capacitor.
ENBL_1, ENBL_2 = installed,
C3, C4 = 0.1 µF (Size 0402)
VCOM-1,
VCOM-2, C2, C6
Common-mode voltage interface. VCOM1 is the common-mode interface for
Amplifier 1. A voltage applied to this pin sets the common-mode voltage of the output
of Amplifier 1. VCOM2 is the common-mode interface for Amplifier 2. A voltage applied
to this pin sets the common-mode voltage of the output of Amplifier 2. Typically
decoupled to ground with a 0.1 µF capacitor (C2 and C6). With no reference applied,
input and output common mode float to midsupply (VCC/2).
VCOM-1, VCOM-2 = installed
C2, C6 = 0.1 µF (Size 0402)
Figure 54. Layout of Evaluation Board, Component Side
Figure 55. Layout of Evaluation Board, Circuit Side



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com