Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADL5566ACPZ-R7 Datasheet(PDF) 11 Page - Analog Devices

Part # ADL5566ACPZ-R7
Description  4.5 GHz Ultrahigh Dynamic Range, Dual Differential Amplifier
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADL5566ACPZ-R7 Datasheet(HTML) 11 Page - Analog Devices

Back Button ADL5566ACPZ-R7 Datasheet HTML 7Page - Analog Devices ADL5566ACPZ-R7 Datasheet HTML 8Page - Analog Devices ADL5566ACPZ-R7 Datasheet HTML 9Page - Analog Devices ADL5566ACPZ-R7 Datasheet HTML 10Page - Analog Devices ADL5566ACPZ-R7 Datasheet HTML 11Page - Analog Devices ADL5566ACPZ-R7 Datasheet HTML 12Page - Analog Devices ADL5566ACPZ-R7 Datasheet HTML 13Page - Analog Devices ADL5566ACPZ-R7 Datasheet HTML 14Page - Analog Devices ADL5566ACPZ-R7 Datasheet HTML 15Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 24 page
background image
Data Sheet
ADL5566
Rev. C | Page 11 of 24
–110
–100
–90
–80
–70
–60
–50
–40
–30
–20
–10
0
0.51.0
1.52.0
2.53.0
VCOM (V)
HD2, 3.3V
HD3, 3.3V
HD2, 5V
HD3, 5V
Figure 21. Harmonic Distortion (HD2/HD3) vs. VCOM, Output Level at
2 V p-p, RL = 200 Ω, VPOS = 3.3 V and VPOS = 5 V, Frequency = 100 MHz
–120
–115
–110
–105
–100
–95
–90
–85
–80
–75
–70
–65
–60
–55
–50
0
50
100
150
200
250
300
350
400
450
500
FREQUENCY (MHz)
HD2 100Ω LOAD
HD2 200Ω LOAD
Figure 22. HD2 vs. Frequency, RL = 100 Ω and RL = 200 Ω, VPOS = 3.3 V, Input
Common-Mode = 1.65 V, Output Common-Mode = 1.25 V, VOUT = 1.5 V p-p
–120
–115
–110
–105
–100
–95
–90
–85
–80
–75
–70
–65
–60
–55
–50
0
50
100
150
200
250
300
350
400
450
500
FREQUENCY (MHz)
HD3 200Ω LOAD
HD3 100Ω LOAD
Figure 23. HD3 vs. Frequency, RL = 100 Ω and RL = 200 Ω, VPOS = 3.3 V, Input
Common-Mode = 1.65 V, Output Common-Mode = 1.25 V, VOUT = 1.5 V p-p
–110
–105
–100
–95
–90
–85
–80
–75
–70
–65
–60
0
100
200
300
400
500
FREQUENCY (MHz)
HD2 AT 3.3V
HD3 AT 3.3V
HD2 AT 5.0V
HD3 AT 5.0V
Figure 24. Single-Ended Harmonic Distortion (HD2/HD3) vs. Frequency,
VPOS = 3.3 V and VPOS = 5 V, VOUT = 2 V p-p, RL = 200 Ω
–120
–115
–110
–105
–100
–95
–90
–85
–80
0123
456
FREQUENCY (MHz)
HD2
IMD3
HD3
Figure 25. Low Frequency Distortion (HD2/HD3/IMD3) vs. Frequency,
Output Level at 2 V p-p, RL = 200 Ω, VPOS = 3.3 V
CH2 100mV/DIV
A CH3
1.1V
50Ω
8G
8G
CH3 500mV/DIV 50Ω
3
2
2ns/DIV
Figure 26. ENBLx Time Domain Response, VPOS = 3.3 V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com