Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADL5566ACPZ-R7 Datasheet(PDF) 4 Page - Analog Devices

Part # ADL5566ACPZ-R7
Description  4.5 GHz Ultrahigh Dynamic Range, Dual Differential Amplifier
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADL5566ACPZ-R7 Datasheet(HTML) 4 Page - Analog Devices

  ADL5566ACPZ-R7 Datasheet HTML 1Page - Analog Devices ADL5566ACPZ-R7 Datasheet HTML 2Page - Analog Devices ADL5566ACPZ-R7 Datasheet HTML 3Page - Analog Devices ADL5566ACPZ-R7 Datasheet HTML 4Page - Analog Devices ADL5566ACPZ-R7 Datasheet HTML 5Page - Analog Devices ADL5566ACPZ-R7 Datasheet HTML 6Page - Analog Devices ADL5566ACPZ-R7 Datasheet HTML 7Page - Analog Devices ADL5566ACPZ-R7 Datasheet HTML 8Page - Analog Devices ADL5566ACPZ-R7 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 24 page
background image
ADL5566
Data Sheet
Rev. C | Page 4 of 24
Test Conditions/
3.3 V
5 V
Parameter
Comments
Min
Typ
Max
Min
Typ
Max
Unit
NOISE/HARMONIC PERFORMANCE
10 MHz
Second/Third Harmonic
Distortion (HD2/HD3)
AV = 16 dB, RL = 200 Ω,
VOUT = 2 V p-p
−99.1/−111
−103.1/−107.3
dBc
Output IP3/Third-Order
Intermodulation
Distortion (OIP3/IMD3)
AV = 16 dB, RL = 200 Ω,
VOUT = 2 V p-p composite
(2 MHz spacing)
+50.2/−103.3
+49.4/−101.8
dBm/dBc
Output IP2 Second-Order
Intermodulation
Distortion (OIP2/IMD2)
AV = 16 dB, RL = 200 Ω,
VOUT = 2 V p-p composite
(2 MHz spacing)
+
90.8/−92.1
+
91.2/−92.5
dBm/dBc
1 dB Compression Point, RTO
(OP1dB)
AV = 16 dB
14
17.7
dBm
Noise Spectral Density,
RTI (NSD)
AV = 16 dB
1.28
1.32
nV/√Hz
Noise Figure (NF)
AV = 16 dB
6.47
6.66
dB
100 MHz
Second/Third Harmonic
Distortion (HD2/HD3)
AV = 16 dB, RL = 200 Ω,
VOUT = 2 V p-p
−89/−92.1
−94.7/−100
dBc
Output IP3/Third-Order
Intermodulation
Distortion (OIP3/IMD3)
AV = 16 dB, RL = 200 Ω,
VOUT = 2 V p-p composite
(2 MHz spacing)
+49.4/−101.9
+50.9/−104.7
dBm/dBc
Output IP2 Second-Order
Intermodulation
Distortion (OIP2/IMD2)
AV = 16 dB, RL = 200 Ω,
VOUT = 2 V p-p composite
(2 MHz spacing)
+96.9/−98.2
+98.9/−100.2
dBm/dBc
1 dB Compression Point, RTO
(OP1dB)
AV = 16 dB
14.2
17.8
dBm
Noise Spectral Density,
RTI (NSD)
AV = 16 dB
1.26
1.3
nV/√Hz
Noise Figure (NF)
AV = 16 dB
6.36
6.58
dB
200 MHz
Second/Third Harmonic
Distortion (HD2/HD3)
AV = 16 dB, RL = 200 Ω,
VOUT = 2 V p-p
−92.7/−80.2
−94.5/−87.2
dBc
Output IP3/Third-Order
Intermodulation
Distortion (OIP3/IMD3)
AV = 16 dB, RL = 200 Ω,
VOUT = 2 V p-p composite
(2 MHz spacing)
+45.9/−94.7
+46/−95
dBm/dBc
Output IP2 Second-Order
Intermodulation
Distortion (OIP2/IMD2)
AV = 16 dB, RL = 200 Ω,
VOUT = 2 V p-p composite
(2 MHz spacing)
+80.4/−81.7
+82.6/−83.9
dBm/dBc
1 dB Compression Point, RTO
(OP1dB)
AV = 16 dB
14.1
17.7
dBm
Noise Spectral Density,
RTI (NSD)
AV = 16 dB
1.25
1.28
nV/√Hz
Noise Figure (NF)
AV = 16 dB
6.31
6.48
dB
500 MHz
Second/Third Harmonic
Distortion (HD2/HD3)
AV = 16 dB, RL = 200 Ω,
VOUT = 2 V p-p
−82.6/−60.5
−82.8/−64.2
dBc
Output IP3/Third-Order
Intermodulation
Distortion (OIP3/IMD3)
AV = 16 dB, RL = 200 Ω,
VOUT = 2 V p-p composite
(2 MHz spacing)
+30.7/−64.7
+32.4/−67.8
dBm/dBc
Output IP2 Second-Order
Intermodulation
Distortion (OIP2/IMD2)
AV = 16 dB, RL = 200 Ω,
VOUT = 2 V p-p composite
(2 MHz spacing)
+74.2/−75.5
+75.8/−77.1
dBm/dBc
Noise Spectral Density,
RTI (NSD)
AV = 16 dB
1.32
1.35
nV/√Hz
Noise Figure (NF)
AV = 16 dB
6.64
6.83
dB



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com