Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADL5566ACPZ-R7 Datasheet(PDF) 17 Page - Analog Devices

Part # ADL5566ACPZ-R7
Description  4.5 GHz Ultrahigh Dynamic Range, Dual Differential Amplifier
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADL5566ACPZ-R7 Datasheet(HTML) 17 Page - Analog Devices

Back Button ADL5566ACPZ-R7 Datasheet HTML 13Page - Analog Devices ADL5566ACPZ-R7 Datasheet HTML 14Page - Analog Devices ADL5566ACPZ-R7 Datasheet HTML 15Page - Analog Devices ADL5566ACPZ-R7 Datasheet HTML 16Page - Analog Devices ADL5566ACPZ-R7 Datasheet HTML 17Page - Analog Devices ADL5566ACPZ-R7 Datasheet HTML 18Page - Analog Devices ADL5566ACPZ-R7 Datasheet HTML 19Page - Analog Devices ADL5566ACPZ-R7 Datasheet HTML 20Page - Analog Devices ADL5566ACPZ-R7 Datasheet HTML 21Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 24 page
background image
Data Sheet
ADL5566
Rev. C | Page 17 of 24
To find RSERIES for a given AV gain and RL, use the following:
RSERIES =
80
10
500
−


+
L
L
V
R
R
A
(3)
To calculate the AV gain for a given RSERIES and RL, use the following:
+
×
+
=
L
L
SERIES
GAIN
R
R
R
A
10
80
500
(4)
–5
–4
–3
–2
–1
0
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
17
18
19
20
1M
10M
100M
1G
10G
FREQUENCY (Hz)
Figure 42. SDD21, VPOS = 3.3 V, Three Gains, 25°C
The necessary shunt component, RSHUNT, to match to the source
impedance, RS, can be expressed with the following:
160
2
1
1
1
+
−
=
SERIES
S
SHUNT
R
R
R
(5)
The voltage gain for multiple shunt resistor values are summarized
in Table 5. The source resistance and input impedance need
careful attention when using Equation 5. The reactance of the
input impedance of the ADL5566 and the ac coupling capacitors
must be considered before assuming that they make a negligible
contribution.
–120
–115
–110
–105
–100
–95
–90
–85
–80
–75
–70
–65
–60
–55
–50
0
50
100
150
200
250
300
350
400
450
500
FREQUENCY (MHz)
HD2 3.3V
HD3 3.3V
IMD 3.3V
HD2 5V
HD3 5V
IMD 5V
Figure 43. IMD, HD2, and HD3 vs. Frequency, AV = 6 dB, 2 V p-p Output,
VPOS = 3.3 and VPOS = 5 V
Table 5. Differential Gain Adjustment Using Series Resistor
Target Gain (dB)
Actual Gain (dB)
RS (Ω)
RSERIES (Ω)1
RSHUNT (Ω)1
0
−0.1
50
396.2
52.8
1
+1.2
50
344.4
53.1
2
+2.1
50
298.3
53.5
3
+2.9
50
257.1
54
4
+4.1
50
220.5
54.5
5
+5.1
50
187.8
55.1
6
+6.1
50
158.7
55.8
7
+6.9
50
132.7
56.7
8
+8.1
50
109.6
57.6
9
+8.9
50
89
58.7
10
+10
50
70.6
60
11
+11.1
50
54.2
61.4
12
+12
50
39.6
63.2
13
+12.8
50
26.6
65.3
14
+14
50
15
67.9
15
+15.1
50
4.8
70.9
16
+15.8
50
0
72.7
1
The resistor values are rounded to the nearest real resistor value.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com