Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADL5566ACPZ-R7 Datasheet(PDF) 14 Page - Analog Devices

Part # ADL5566ACPZ-R7
Description  4.5 GHz Ultrahigh Dynamic Range, Dual Differential Amplifier
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADL5566ACPZ-R7 Datasheet(HTML) 14 Page - Analog Devices

Back Button ADL5566ACPZ-R7 Datasheet HTML 10Page - Analog Devices ADL5566ACPZ-R7 Datasheet HTML 11Page - Analog Devices ADL5566ACPZ-R7 Datasheet HTML 12Page - Analog Devices ADL5566ACPZ-R7 Datasheet HTML 13Page - Analog Devices ADL5566ACPZ-R7 Datasheet HTML 14Page - Analog Devices ADL5566ACPZ-R7 Datasheet HTML 15Page - Analog Devices ADL5566ACPZ-R7 Datasheet HTML 16Page - Analog Devices ADL5566ACPZ-R7 Datasheet HTML 17Page - Analog Devices ADL5566ACPZ-R7 Datasheet HTML 18Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 24 page
background image
ADL5566
Data Sheet
Rev. C | Page 14 of 24
CIRCUIT DESCRIPTION
The ADL5566 is a high gain, fully differential dual amplifier/ADC
driver that uses a 2.8 V to 5 V supply. It provides a 16 dB gain
that can be reduced by adding external series resistors. The 3 dB
bandwidth is 4.5 GHz, and it has a differential input impedance of
160 Ω. It has a differential output impedance of 10 Ω and an
output common-mode adjust voltage of 1.1 V to 1.8 V.
5Ω
5Ω
80Ω
500Ω
500Ω
80Ω
AC
½ RS
½ RS
0.1µF
0.1µF
0.1µF
0.1µF
+
–
½
ADL5566
RL
Figure 35. Basic Structure
The ADL5566 is composed of a dual fully differential amplifier
with on-chip feedback and feed-forward resistors. The gain is fixed
at 16 dB but can be reduced by adding two resistors in series with
the two inputs (see the Gain Adjustment and Interfacing section).
The amplifier is designed to provide a high differential open-loop
gain and has an output common-mode circuit that enables the
user to change the output common-mode voltage by applying a
voltage to a VCOMx pin. The amplifier is designed to provide
superior low distortion at frequencies to and beyond 300 MHz
with low noise and low power consumption. The low distortion
and noise are realized with a 3.3 V power supply at 140 mA.
The dual amplifier has an extremely high gain bandwidth (GBW)
product that results in distortion levels that are the best in the
industry for power consumed at frequencies beyond 100 MHz.
This amplifier achieves greater than −69 dBc IMD3 at 500 MHz
and −100 dBc at 200 MHz for 2 V p-p operation. In addition,
the ADL5566 can also deliver 5 V p-p operation under heavy
loads. The internal gain is set at 16 dB, and the part has a noise
figure of 6.5 dB and a RTI of 1.5 nV/√Hz. When comparing noise
figure and distortion performance, this amplifier delivers the
best in category spurious-free dynamic range (SFDR).
The ADL5566 is very flexible in terms of I/O coupling. It can be
ac- or dc-coupled. For dc coupling, the output common-mode
voltage (VCOMx) can be adjusted (using the VCOMx pin) from
1.1 V to 1.8 V output for VCCx at 3.3 V and up to 3 V with VCCx
at 5 V. For the best distortion, the common-mode output should
not go below 1.25 V at VCCx equal to 3.3 V and 1.35 V for 5 V
VCCx operation. Note that the input common-mode voltage
slaves to the VCOMx output voltage when ac-coupled at the
inputs. For dc-coupled inputs, the input common-mode voltage
should also stay between 1.25 V and 1.8 V for a 3.3 V supply and
1.35 V to 3.5 V for a 5 V supply. Note again that, for ac-coupled
applications with series capacitors at the inputs, as in Figure 37,
the output common-mode voltage, VCOMx, sets the common-
mode input to the same level. Because of the wide input common-
mode range, this part can easily be dc-coupled to many types of
mixers, demodulators, and amplifiers. Forcing a higher input
VCOMx does not affect the output VCOMx in dc-coupled mode.
Note that, if the outputs are ac-coupled (see the ADC Interfacing
section), no external VCOMx adjust is required because the
amplifier common-mode outputs are set at VCCx/2.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com