Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADL5566ACPZ-R7 Datasheet(PDF) 15 Page - Analog Devices

Part # ADL5566ACPZ-R7
Description  4.5 GHz Ultrahigh Dynamic Range, Dual Differential Amplifier
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADL5566ACPZ-R7 Datasheet(HTML) 15 Page - Analog Devices

Back Button ADL5566ACPZ-R7 Datasheet HTML 11Page - Analog Devices ADL5566ACPZ-R7 Datasheet HTML 12Page - Analog Devices ADL5566ACPZ-R7 Datasheet HTML 13Page - Analog Devices ADL5566ACPZ-R7 Datasheet HTML 14Page - Analog Devices ADL5566ACPZ-R7 Datasheet HTML 15Page - Analog Devices ADL5566ACPZ-R7 Datasheet HTML 16Page - Analog Devices ADL5566ACPZ-R7 Datasheet HTML 17Page - Analog Devices ADL5566ACPZ-R7 Datasheet HTML 18Page - Analog Devices ADL5566ACPZ-R7 Datasheet HTML 19Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 24 page
background image
Data Sheet
ADL5566
Rev. C | Page 15 of 24
APPLICATIONS INFORMATION
BASIC CONNECTIONS
Figure 36 shows the basic connections for operating the ADL5566.
Apply a voltage between 3 V and 5 V to the VCC1 and VCC2
pins through a 5.1 nH inductor and decouple the supply side of the
inductor with at least one low inductance, 0.1 μF surface-mount
ceramic capacitor. In addition, decouple the VCOM1 and VCOM2
pins (Pin 21 and Pin 10) using a 0.1 μF capacitor. The ENBL1
and ENBL2 pins (Pin 22 and Pin 9) are tied to their amplifiers
VCC_x pin to enable each amplifier. A differential signal is
applied to Amplifier 1 through Pin 1 (VIN1) and Pin 2 (VIP1)
and to Amplifier 2 through Pin 5 (VIP2) and Pin 6 (VIN2).
Each amplifier has a gain of 16 dB.
The input pins, Pin 1 (VIN1) and Pin 2 (VIP1), and the output
pins, Pin 18 (VON1) and Pin 17 (VOP1), are biased by
applying a voltage to Pin 21 (VCOM1). If VCOM1 is left open,
VCOM1 equals ½ of VCC1. The input pins, Pin 5 (VIP2) and Pin
6 (VIN2), and the output pins, Pin 13 (VON2) and Pin 14
(VOP2), are biased by applying a voltage to VCOM2. If
VCOM2 is left open, VCOM2 equals ½ of VCC2. The ADL5566
can be ac-coupled as shown in Figure 36 or can be dc-coupled if
within the specified input and output common-mode voltage
ranges (see the Circuit Description section). To enable the
ADL5566, the ENBL1 and ENBL2 pins must be pulled high.
Pulling the ENBL1/ENBL2 pins low puts the ADL5566 in sleep
mode, reducing the current consumption to 7 mA at ambient.
A series 5.1 nH inductor can be connected to the VCCx pins with
the VCC decoupling capacitor connected to the VCC bus side (see
Figure 36 and Figure 53). This inductor with the internal
capacitance of the amplifier results in a two pole low-pass
network and reduces the amplifier VCC noise.
BALANCED
SOURCE
½ RS
½ RS
0.01µF
0.01µF
BALANCED
LOAD
VIP1
VIN1
0.01µF
0.01µF
VON1
VCOM1
VOP1
0.01µF
VCC2
0.01µF
10µF
VCC
RF
RF
RG
RG
2
21
18
18
18
17
1
2
1
ENBL1
ENBL2
VCC
VCC
RG
2
21
18
11
17
1
22
9
0.01µF
VCC1
ADL5566
5.1nH
5.1nH
20
BALANCED
SOURCE
½ RS
½ RS
0.01µF
0.01µF
BALANCED
LOAD
VIP2
VIN2
NC
NC
0.01µF
0.01µF
VON2
VCOM2
VOP2
0.01µF
RF
RF
RG
RG
5
3
4
7
8
12
15
16
19
23
10
13
14
24
6
+
NOTES
1. EXPOSED PADDLE IS INTERNALLY CONNECTED TO GND AND MUST BE SOLDERED
TO A LOW IMPEDANCE GROUND PLANE.
EXPOSED PAD
Figure 36. Basic Connections



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com