Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADL5566ACPZ-R7 Datasheet(PDF) 12 Page - Analog Devices

Part # ADL5566ACPZ-R7
Description  4.5 GHz Ultrahigh Dynamic Range, Dual Differential Amplifier
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADL5566ACPZ-R7 Datasheet(HTML) 12 Page - Analog Devices

Back Button ADL5566ACPZ-R7 Datasheet HTML 8Page - Analog Devices ADL5566ACPZ-R7 Datasheet HTML 9Page - Analog Devices ADL5566ACPZ-R7 Datasheet HTML 10Page - Analog Devices ADL5566ACPZ-R7 Datasheet HTML 11Page - Analog Devices ADL5566ACPZ-R7 Datasheet HTML 12Page - Analog Devices ADL5566ACPZ-R7 Datasheet HTML 13Page - Analog Devices ADL5566ACPZ-R7 Datasheet HTML 14Page - Analog Devices ADL5566ACPZ-R7 Datasheet HTML 15Page - Analog Devices ADL5566ACPZ-R7 Datasheet HTML 16Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 24 page
background image
ADL5566
Data Sheet
Rev. C | Page 12 of 24
CH1 400mV
2ns
A CH1
0V
1
Figure 27. Large Signal Pulse Response Using a Slow Transient Signal
Generator, 4 V p-p, VPOS = 3.3 V
0
5
10
15
20
25
30
35
40
45
50
55
60
10
100
1000
FREQUENCY (MHz)
Figure 28. Common-Mode Rejection Ratio (CMRR) vs. Frequency
0
100
200
300
400
500
600
700
800
900
1000
0
100
200
300
400
500
600
700
800
900 1000
FREQUENCY (MHz)
Figure 29. Group Delay vs. Frequency
FREQUENCY (MHz)
–100
–90
–80
–70
–60
–50
–40
–30
–20
–10
0
10
100
1000
Figure 30. Reverse Isolation (S12) vs. Frequency
10
100
1000
FREQUENCY (MHz)
0
0.2
0.4
0.6
0.8
1.0
1.2
1.4
1.6
1.8
2.0
120
130
140
150
160
170
180
190
200
210
220
RESITANCE
CAPACITANCE
Figure 31. S11 Equivalent RLC Parallel Network
10
100
1000
FREQUENCY (MHz)
0
1
2
3
4
5
6
7
8
9
10
0
2
4
6
8
10
12
14
16
18
20
RESISTANCE
CAPACITANCE
Figure 32. S22 Equivalent RLC Parallel Network



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com