Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADL5566ACPZ-R7 Datasheet(PDF) 20 Page - Analog Devices

Part # ADL5566ACPZ-R7
Description  4.5 GHz Ultrahigh Dynamic Range, Dual Differential Amplifier
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADL5566ACPZ-R7 Datasheet(HTML) 20 Page - Analog Devices

Back Button ADL5566ACPZ-R7 Datasheet HTML 16Page - Analog Devices ADL5566ACPZ-R7 Datasheet HTML 17Page - Analog Devices ADL5566ACPZ-R7 Datasheet HTML 18Page - Analog Devices ADL5566ACPZ-R7 Datasheet HTML 19Page - Analog Devices ADL5566ACPZ-R7 Datasheet HTML 20Page - Analog Devices ADL5566ACPZ-R7 Datasheet HTML 21Page - Analog Devices ADL5566ACPZ-R7 Datasheet HTML 22Page - Analog Devices ADL5566ACPZ-R7 Datasheet HTML 23Page - Analog Devices ADL5566ACPZ-R7 Datasheet HTML 24Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 20 / 24 page
background image
ADL5566
Data Sheet
Rev. C | Page 20 of 24
LAYOUT CONSIDERATIONS
High-Q inductive drives and loads, as well as stray transmission
line capacitance in combination with package parasitics, can
potentially form a resonant circuit at high frequencies, resulting
in excessive gain peaking or possible oscillation. If RF transmission
lines connecting the input or output are used, design them such
that stray capacitance at the input/output pins is minimized. In
many board designs, the signal trace widths should be minimal
where the driver/receiver is no more than one-eighth of the wave-
length from the amplifier. This nontransmission line configuration
requires that underlying and adjacent ground and low impedance
planes be dropped from the signal lines.
ANALYZER
AMPLIFIER 1
5.1nH
+
VIN_1
VIP_1
ETC1-1
ETC1-1
VCC
34.8Ω
0.1µF
0.1µF
+
–
½
ADL5566
AC
0.1µF
0.1µF
50Ω
50Ω
36Ω
36Ω
34.8Ω
84.5Ω
84.5Ω
0.1µF
Figure 49. General-Purpose Characterization Circuit
+
AC
50Ω
PORT 2
PORT 1
PORT 3
PORT 4
AC
50Ω
AC
50Ω
AMPLIFIER 1
5.1nH
VIN_1
VIP_1
VCC
0.1µF
0.1µF
+
–
½
ADL5566
AC
0.1µF
+
0.1µF
+
+
+
50Ω
36Ω
50Ω
50Ω
0.1µF
Figure 50. Differential Characterization Circuit Using Agilent E8357A Four-Port PNA
+
ANALYZER
AMPLIFIER 1
5.1nH
VIN_1
VIP_1
ETC1-1
ETC1-1
VCC
34.8Ω
0.1µF
0.1µF
+
–
ADL5566
AC
0.1µF
+
0.1µF
50Ω
50Ω
36Ω
36Ω
2kΩ
2kΩ
34.8Ω
84.5Ω
84.5Ω
0.1µF
VCOM
OUTPUT
INPUT
COMMON-MODE V
ADJUST
Figure 51. Distortion Measurement Circuit for Various Common-Mode Voltages



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com