Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADL5566ACPZ-R7 Datasheet(PDF) 8 Page - Analog Devices

Part # ADL5566ACPZ-R7
Description  4.5 GHz Ultrahigh Dynamic Range, Dual Differential Amplifier
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADL5566ACPZ-R7 Datasheet(HTML) 8 Page - Analog Devices

Back Button ADL5566ACPZ-R7 Datasheet HTML 4Page - Analog Devices ADL5566ACPZ-R7 Datasheet HTML 5Page - Analog Devices ADL5566ACPZ-R7 Datasheet HTML 6Page - Analog Devices ADL5566ACPZ-R7 Datasheet HTML 7Page - Analog Devices ADL5566ACPZ-R7 Datasheet HTML 8Page - Analog Devices ADL5566ACPZ-R7 Datasheet HTML 9Page - Analog Devices ADL5566ACPZ-R7 Datasheet HTML 10Page - Analog Devices ADL5566ACPZ-R7 Datasheet HTML 11Page - Analog Devices ADL5566ACPZ-R7 Datasheet HTML 12Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 24 page
background image
ADL5566
Data Sheet
Rev. C | Page 8 of 24
TYPICAL PERFORMANCE CHARACTERISTICS
VS = 3.3 V, VCM = 1.65 V, RL = 200 Ω differential, AV = 16 dB, CL = 1 pF differential, f = 100 MHz, TA = 25°C, parameters specified as
ac-coupled differential input and differential output, unless otherwise noted.
–15
–10
–5
0
5
10
15
20
25
10M
100M
1G
FREQUENCY (Hz)
3.3V, 25°C
5V, 25°C
Figure 3. Gain vs. Frequency Response for 200 Ω Differential Load,
VPOS = 3.3 V and VPOS = 5 V, 25°C
–15
–10
–5
0
5
10
15
20
25
10M
100M
1G
FREQUENCY (Hz)
3.3V, –40°C
3.3V, +25°C
3.3V, +85°C
3.3V, +105°C
Figure 4. Gain vs. Frequency Response for 200 Ω Differential Load,
Four Temperatures, VPOS = 3.3 V
10M
100M
1G
FREQUENCY (Hz)
–15
–10
–5
0
5
10
15
20
25
5V, –40°C
5V, +25°C
5V, +85°C
5V, +105°C
Figure 5. Gain vs. Frequency Response for 200 Ω Differential Load,
Four Temperatures, VPOS = 5 V
0
0.01
0.02
0.03
0.04
0.05
0.06
0.07
0
0.1
0.2
0.3
0.4
0.5
0.6
0.7
10
100
1000
FREQUENCY (MHz)
SDD21 PHASE
SDD21 MAG
Figure 6. Channel-to-Channel Gain Error and Phase Error vs. Frequency
0
5
10
15
20
25
0
50
100
150
200
250
FREQUENCY (MHz)
5V, +25°C
5V, –40°C
5V, +85°C
5V, +105°C
3.3V, +25°C
3.3V, –40°C
3.3V, +85°C
3.3V, +105°C
Figure 7. OP1dB vs. Frequency for 200 Ω Differential Load, Four
Temperatures, VPOS = 3.3 V, VPOS = 5 V
3.0
3.5
4.0
4.5
5.0
5.5
6.0
6.5
7.0
7.5
8.0
8.5
9.0
9.5
10.0
10M
100M
1G
FREQUENCY (Hz)
3.3V SUPPLY
5V SUPPLY
Figure 8. Noise Figure vs. Frequency at VPOS = 3.3 V, VPOS = 5 V, 25°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com