Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADL5566ACPZ-R7 Datasheet(PDF) 21 Page - Analog Devices

Part # ADL5566ACPZ-R7
Description  4.5 GHz Ultrahigh Dynamic Range, Dual Differential Amplifier
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADL5566ACPZ-R7 Datasheet(HTML) 21 Page - Analog Devices

Back Button ADL5566ACPZ-R7 Datasheet HTML 16Page - Analog Devices ADL5566ACPZ-R7 Datasheet HTML 17Page - Analog Devices ADL5566ACPZ-R7 Datasheet HTML 18Page - Analog Devices ADL5566ACPZ-R7 Datasheet HTML 19Page - Analog Devices ADL5566ACPZ-R7 Datasheet HTML 20Page - Analog Devices ADL5566ACPZ-R7 Datasheet HTML 21Page - Analog Devices ADL5566ACPZ-R7 Datasheet HTML 22Page - Analog Devices ADL5566ACPZ-R7 Datasheet HTML 23Page - Analog Devices ADL5566ACPZ-R7 Datasheet HTML 24Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 21 / 24 page
background image
Data Sheet
ADL5566
Rev. C | Page 21 of 24
SOLDERING INFORMATION AND RECOMMENDED
LAND PATTERN
Figure 52 shows the recommended land pattern for the ADL5566.
The ADL5566 is contained in a 4 mm × 4 mm LFCSP package,
which has an exposed ground paddle (EPAD). This paddle is
internally connected to the ground of the chip. To minimize
thermal impedance and ensure electrical performance, solder
the paddle to the low impedance ground plane on the printed
circuit board (PCB). To further reduce thermal impedance, it
is recommended that the ground planes on all layers under the
paddle be stitched together with vias.
For more information on land pattern design and layout, refer
to the AN-772 Application Note, A Design and Manufacturing
Guide for the Lead Frame Chip Scale Package (LFCSP).
This land pattern, on the ADL5566 evaluation board, provides a
measured thermal resistance (θJA) of 34.0°C/W. To measure θJA,
the temperature at the top of the LFCSP package is found with
an IR temperature gun. Thermal simulation suggests a junction
temperature 1.5°C higher than the top of package temperature.
With additional ambient temperature and I/O power measure-
ments, θJA can be determined.
13 MILS
39 MILS
12 MILS
91 MILS
13.7 MILS
19.7 MILS
Figure 52. Recommended Land Pattern
EVALUATION BOARD
Figure 53 shows the schematic of the ADL5566 evaluation board.
The board is powered by a single supply in the 3 V to 5 V range.
The power supply is decoupled by 10 µF and 0.1 µF capacitors.
The L1 and L2 inductors decouple the ADL5566 from the power
supply.
Table 7 details the various configuration options of the evaluation
board. Figure 54 and Figure 55 show the component and circuit
side layouts of the evaluation board.
The balanced input and output interfaces are converted to single
ended with a pair of baluns (M/A-COM ETC1-1-13). The baluns
at the input, T1 and T2, provide a 50 Ω single-ended-to-differential
transformation. The output baluns, T3 and T4, and the matching
components are configured to provide a 200 Ω to 50 Ω impedance
transformation with an insertion loss of about 11 dB.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com