Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADL5566ACPZ-R7 Datasheet(PDF) 9 Page - Analog Devices

Part # ADL5566ACPZ-R7
Description  4.5 GHz Ultrahigh Dynamic Range, Dual Differential Amplifier
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADL5566ACPZ-R7 Datasheet(HTML) 9 Page - Analog Devices

Back Button ADL5566ACPZ-R7 Datasheet HTML 5Page - Analog Devices ADL5566ACPZ-R7 Datasheet HTML 6Page - Analog Devices ADL5566ACPZ-R7 Datasheet HTML 7Page - Analog Devices ADL5566ACPZ-R7 Datasheet HTML 8Page - Analog Devices ADL5566ACPZ-R7 Datasheet HTML 9Page - Analog Devices ADL5566ACPZ-R7 Datasheet HTML 10Page - Analog Devices ADL5566ACPZ-R7 Datasheet HTML 11Page - Analog Devices ADL5566ACPZ-R7 Datasheet HTML 12Page - Analog Devices ADL5566ACPZ-R7 Datasheet HTML 13Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 24 page
background image
Data Sheet
ADL5566
Rev. C | Page 9 of 24
10M
100M
1G
FREQUENCY (Hz)
0
0.25
0.50
0.75
1.00
1.25
1.50
1.75
2.00
2.25
2.50
2.75
3.00
3.3V SUPPLY
5V SUPPLY
Figure 9. Noise Spectral Density vs. Frequency at VPOS = 3.3 V and VPOS = 5 V
0
10
20
30
40
50
60
0
100
200
300
400
500
600
700
800
900
1000
FREQUENCY (MHz)
OIP3, 3.3V, 25°C, 2V p-p
OIP3, 5V, 25°C, 2V p-p
OIP3, 3.3V, 25°C, 1V p-p
OIP3, 5V, 25°C, 1V p-p
Figure 10. Output Third-Order Intercept (OIP3) at Output Level at 2 V p-p
Composite, RL = 200 Ω, VPOS = 3.3 V and VPOS = 5 V
0
10
20
30
40
50
60
0
100
200
300
400
500
600
700
800
900
1000
FREQUENCY (MHz)
OIP3, 3.3V, +25°C, 2V p-p
OIP3, 5V, +25°C, 2V p-p
OIP3, 3.3V, +85°C, 2V p-p
OIP3, 5V, +85°C, 2V p-p
OIP3, 3.3V, –40°C, 2V p-p
OIP3, 5V, –40°C, 2V p-p
OIP3, 3.3V, +105°C, 2V p-p
OIP3, 5V, +105°C, 2V p-p
OIP3, 3.3V, +25°C, 1V p-p
OIP3, 5V, +25°C, 1V p-p
OIP3, 3.3V, +85°C, 1V p-p
OIP3, 5V, +85°C, 1V p-p
OIP3, 3.3V, –40°C, 1V p-p
OIP3, 5V, –40°C, 1V p-p
OIP3, 3.3V, +105°C, 1V p-p
OIP3, 5V, +105°C, 1V p-p
Figure 11. OIP3 vs. Frequency, Overtemperature, Output Level at 2 V p-p
Composite, RL = 200 Ω, VPOS = 3.3 V and VPOS = 5 V
0
10
20
30
40
50
60
–6 –5 –4 –3 –2 –1
0
1
2
3
4
5
6
7
8
9
10
POUT/TONE (dBm)
OIP3, 5V, 25°C
OIP3, 3.3V, 25°C
Figure 12. OIP3 vs. Output Power (POUT) per Tone, Frequency 200 MHz,
VPOS = 3.3 V and VPOS = 5 V
–120
–100
–80
–60
–40
–20
0
0
100
200
300
400
500
600
700
800
900
1000
FREQUENCY (MHz)
IMD3, 3.3V, +25°C, 2V p-p
IMD3, 5V, +25°C, 2V p-p
IMD3, 3.3V, +85°C, 2V p-p
IMD3,5V, +85°C, 2V p-p
IMD3, 3.3V, –40°C, 2V p-p
IMD3, 5V, –40°C, 2V p-p
IMD3, 3.3V, +105°C, 2V p-p
IMD3, 5V, +105°C, 2V p-p
IMD3, 3.3V, +25°C, 1V p-p
IMD3, 5V, +25°C, 1V p-p
IMD3, 3.3V, +85°C, 1V p-p
IMD3, 5V, +85°C, 1V p-p
IMD3, 3.3V, –40°C, 1V p-p
IMD3, 5V, –40°C, 1V p-p
IMD3, 3.3V, +105°C, 1V p-p
IMD3, 5V, +105°C, 1V p-p
Figure 13. IMD3 vs. Frequency, Over Temperature, Output Level at
2 V p-p Composite, RL = 200 Ω, VPOS = 3.3 V and VPOS = 5 V
–120
–110
–100
–90
–80
–70
–60
–50
–40
–30
–20
0.5
0
1.0
1.5
2.0
2.5
3.0
3.5
4.0
VCOM (V)
5V
SUPPLY
3.3V
SUPPLY
Figure 14. IMD3 vs. VCOM, Output Level at 2 V p-p Composite, RL = 200 Ω,
VPOS = 3.3 V and VPOS = 5 V, Frequency = 100 MHz



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com