Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADL5566ACPZ-R7 Datasheet(PDF) 10 Page - Analog Devices

Part # ADL5566ACPZ-R7
Description  4.5 GHz Ultrahigh Dynamic Range, Dual Differential Amplifier
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADL5566ACPZ-R7 Datasheet(HTML) 10 Page - Analog Devices

Back Button ADL5566ACPZ-R7 Datasheet HTML 6Page - Analog Devices ADL5566ACPZ-R7 Datasheet HTML 7Page - Analog Devices ADL5566ACPZ-R7 Datasheet HTML 8Page - Analog Devices ADL5566ACPZ-R7 Datasheet HTML 9Page - Analog Devices ADL5566ACPZ-R7 Datasheet HTML 10Page - Analog Devices ADL5566ACPZ-R7 Datasheet HTML 11Page - Analog Devices ADL5566ACPZ-R7 Datasheet HTML 12Page - Analog Devices ADL5566ACPZ-R7 Datasheet HTML 13Page - Analog Devices ADL5566ACPZ-R7 Datasheet HTML 14Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 24 page
background image
ADL5566
Data Sheet
Rev. C | Page 10 of 24
–120
–115
–110
–105
–100
–95
–90
–85
–80
–75
–70
–65
–60
–55
–50
0
50
100
150
200
250
300
350
400
450
500
FREQUENCY (MHz)
IMD3 100Ω LOAD
IMD3 150Ω LOAD
IMD3 200Ω LOAD
Figure 15. IMD3 vs. Frequency, RL = 100 Ω, RL = 150 Ω, and RL = 200 Ω, VPOS = 3.3 V,
Input Common-Mode = 1.65 V, Output Common-Mode = 1.25 V, VOUT = 1.5 V p-p
20
25
30
35
40
45
50
55
60
0
50
100
150
200
250
300
350
400
450
500
FREQUENCY (MHz)
Figure 16. Single-Ended OIP3 vs. Frequency, VPOS = 3.3 V,
2 V p-p Composite Output, RL = 200 Ω
–120
–100
–80
–60
–40
–20
0
0
20
40
60
80
100
120
0
100
200
300
400
500
600
700
800
900
1000
FREQUENCY (MHz)
3.3V OIP2
5V OIP2
3.3V IMD2
5V IMD2
Figure 17. OIP2/IMD2 vs. Frequency
–160
–140
–120
–100
–80
–60
–40
–120
–100
–80
–60
–40
–20
0
0
100
200
300
400
500
600
700
800
900
1000
FREQUENCY (MHz)
HD3, 5V, 25°C, 1V p-p
HD3, 3.3V, 25°C, 2V p-p
HD3, 5V, 25°C, 2V p-p
HD3, 3.3V, 25°C, 1V p-p
HD2, 3.3V, 25°C, 2V p-p
HD2, 5V, 25°C, 2V p-p
HD2, 3.3V, 25°C, 1V p-p
HD2, 5V, 25°C, 1V p-p
Figure 18. Harmonic Distortion (HD2/HD3) vs. Frequency,
Output Level at 2 V p-p Composite, RL = 200 Ω, VPOS = 3.3 V and VPOS = 5 V
–160
–140
–120
–100
–80
–60
–40
–120
–100
–80
–60
–40
–20
0
0
50
100
150
200
250
300
350
400
450
500
FREQUENCY (MHz)
HD2, 3.3V, +25°C
HD2, 3.3V, +85°C
HD2, 3.3V, –40°C
HD2, 3.3V, +105°C
HD2, 5V, +25°C
HD2, 5V, +85°C
HD2, 5V, –40°C
HD2, 5V, +105°C
HD3, 3.3V, +25°C
HD3, 3.3V, +85°C
HD3, 3.3V, –40°C
HD3, 3.3V, +105°C
HD3, 5V, +25°C
HD3, 5V, +85°C
HD3, 5V, –40°C
HD3, 5V, +105°C
Figure 19. Harmonic Distortion (HD2/HD3) vs. Frequency,
Output Level at 2 V p-p Composite, RL = 200 Ω, VPOS = 3.3 V and VPOS = 5 V
–120
–100
–80
–60
–40
–20
0
–180
–160
–140
–120
–100
–80
–60
–2
0
2
4
6
8
10
POUT/TONE (dBm)
3.3V, HD3, 25°C
5V, HD3, 25°C
3.3V, HD2, 25°C
5V, HD2, 25°C
Figure 20. Harmonic Distortion (HD2/HD3) vs. Output Power (POUT) per Tone,
Frequency = 200 MHz, RL = 200 Ω, VPOS = 3.3 V and VPOS = 5 V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com