Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADL5566ACPZ-R7 Datasheet(PDF) 16 Page - Analog Devices

Part # ADL5566ACPZ-R7
Description  4.5 GHz Ultrahigh Dynamic Range, Dual Differential Amplifier
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADL5566ACPZ-R7 Datasheet(HTML) 16 Page - Analog Devices

Back Button ADL5566ACPZ-R7 Datasheet HTML 12Page - Analog Devices ADL5566ACPZ-R7 Datasheet HTML 13Page - Analog Devices ADL5566ACPZ-R7 Datasheet HTML 14Page - Analog Devices ADL5566ACPZ-R7 Datasheet HTML 15Page - Analog Devices ADL5566ACPZ-R7 Datasheet HTML 16Page - Analog Devices ADL5566ACPZ-R7 Datasheet HTML 17Page - Analog Devices ADL5566ACPZ-R7 Datasheet HTML 18Page - Analog Devices ADL5566ACPZ-R7 Datasheet HTML 19Page - Analog Devices ADL5566ACPZ-R7 Datasheet HTML 20Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 24 page
background image
ADL5566
Data Sheet
Rev. C | Page 16 of 24
INPUT AND OUTPUT INTERFACING
The ADL5566 can be configured as a differential input to
differential output driver, as shown in Figure 37. The 36 Ω
resistors, R1 and R2, combined with the ETC1-1-13 balun
transformer, provide a 50 Ω input match for the 160 Ω input
impedance. The input and output 0.1 μF capacitors isolate the
VCC/2 bias from the source and balanced load. The load should
equal 200 Ω to provide the expected ac performance (see the
Specifications section).
ETC1-1-13
VCC
½ RL
½ RL
0.1µF
0.1µF
+
–
½
ADL5566
AC
0.1µF
0.1µF
50Ω
R2
R1
Figure 37. Differential Input to Differential Output Configuration
The differential gain of the ADL5566 is dependent on the source
impedance and load, as shown in Figure 38.
5Ω
5Ω
80Ω
500Ω
500Ω
80Ω
AC
½ RS
½ RS
0.1µF
0.1µF
0.1µF
0.1µF
+
–
½
ADL5566
RL
Figure 38. Differential Input Loading Circuit
The differential gain can be determined by
L
L
V
R
R
A
10
80
500
(1)
Single-Ended Input to Differential Output
The ADL5566 can also be configured in a single-ended input to
differential output driver, as shown in Figure 39. In this
configuration, the gain of the part is reduced due to the application
of the signal to only one side of the amplifier. The input and output
0.1 μF capacitors isolate the VCC/2 bias from the source and the
balanced load. R2 is used to match the single-ended input
impedance of the amplifier (131 Ω) with the 50 Ω source. R1 is
selected to balance the input of the amplifier. See the Application
Note AN-0990 for more information on terminating single-ended
inputs. The performance for this configuration is shown in
Figure 16 and Figure 24.
VCC
½ RL
½ RL
0.1µF
0.1µF
+
–
½
ADL5566
AC
0.1µF
0.1µF
+
RS
R2
77Ω
R1
30Ω
Figure 39. Single
-Ended Input to Differential Output Configuration
The single-ended gain configuration of the ADL5566 is dependent
on the source impedance and load, as shown in Figure 40.
5Ω
5Ω
80Ω
500Ω
500Ω
80Ω
½ RL
½ RL
0.1µF
0.1µF
+
–
½
ADL5566
AC
0.1µF
0.1µF
+
RS
R2
77Ω
R1
30Ω
Figure 40. Single-Ended Input Loading Circuit
The single-ended gain can be determined by the following two
equations:
131
131
R2
R2
R
MATCH
L
L
MATCH
S
MATCH
S
S
S
V1
R
R
R
R
R
R2
R
R2
R2
R
R2
R
A


10
80
500
GAIN ADJUSTMENT AND INTERFACING
The effective gain of the ADL5566 can be reduced by adding two
resistors in series with the inputs to reduce the 16 dB gain.
5Ω
5Ω
80Ω
500Ω
500Ω
80Ω
AC
½ RS
½ RS
0.1µF
0.1µF
0.1µF
0.1µF
+
–
½
ADL5566
RL
RSERIES
RSERIES
RSHUNT
Figure 41. Gain Adjustment Using a Series Resistor Show



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com