Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADL5566ACPZ-R7 Datasheet(PDF) 7 Page - Analog Devices

Part # ADL5566ACPZ-R7
Description  4.5 GHz Ultrahigh Dynamic Range, Dual Differential Amplifier
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADL5566ACPZ-R7 Datasheet(HTML) 7 Page - Analog Devices

Back Button ADL5566ACPZ-R7 Datasheet HTML 3Page - Analog Devices ADL5566ACPZ-R7 Datasheet HTML 4Page - Analog Devices ADL5566ACPZ-R7 Datasheet HTML 5Page - Analog Devices ADL5566ACPZ-R7 Datasheet HTML 6Page - Analog Devices ADL5566ACPZ-R7 Datasheet HTML 7Page - Analog Devices ADL5566ACPZ-R7 Datasheet HTML 8Page - Analog Devices ADL5566ACPZ-R7 Datasheet HTML 9Page - Analog Devices ADL5566ACPZ-R7 Datasheet HTML 10Page - Analog Devices ADL5566ACPZ-R7 Datasheet HTML 11Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 24 page
background image
Data Sheet
ADL5566
Rev. C | Page 7 of 24
PIN CONFIGURATION AND FUNCTION DESCRIPTIONS
VIP1
NC
NC
VIP2
VIN2
VON2
VOP2
NC
NC
VOP1
VON1
VIN1
2
1
3
4
5
6
18
17
16
15
14
13
ADL5566
TOP VIEW
1. NC = NO CONNECT. DO NOT CONNECT TO THIS PIN.
2. THE EXPOSED PADDLE IS INTERNALLY CONNECTED TO
GND AND MUST BE SOLDERED TO A LOW IMPEDANCE
GROUND PLANE.
Figure 2. Pin Configuration
Table 4. Pin Function Descriptions
Pin No.
Mnemonic
Description
1
VIN1
Balanced Differential Input for Amplifier 1. Biased to VCC/2, typically ac-coupled. Input for AV = 16 dB.
2
VIP1
Balanced Differential Input for Amplifier 1. Biased to VCC/2, typically ac-coupled. Input for AV = 16 dB.
3, 4, 7, 8, 12, 15,
16, 19, 23, 24
NC
No Connect. Do not connect to this pin. Solder to ground.
5
VIP2
Balanced Differential Input for Amplifier 2. Biased to VCC/2, typically ac-coupled. Input for AV = 16 dB.
6
VIN2
Balanced Differential Input for Amplifier 2. Biased to VCC/2, typically ac-coupled. Input for AV = 16 dB.
9
ENBL2
Enable for Amplifier 2. Apply positive voltage (1.3 V < ENBL2 < VCC2) to activate device.
10
VCOM2
Common-Mode Voltage. A voltage applied to this pin sets the common-mode voltage of the inputs and
outputs of Amplifier 2. If left open, VCOM2 = VCC/2. Typically, it is decoupled to ground with a 0.1 µF
capacitor.
11
VCC2
Positive Supply for Amplifier 2.
13
VON2
Balanced Differential Output for Amplifier 2. Biased to VCC/2, typically ac-coupled.
14
VOP2
Balanced Differential Output for Amplifier 2. Biased to VCC/2, typically ac-coupled.
17
VOP1
Balanced Differential Output for Amplifier 1. Biased to VCC/2, typically ac-coupled.
18
VON1
Balanced Differential Output for Amplifier 1. Biased to VCC/2, typically ac-coupled.
20
VCC1
Positive Supply for Amplifier 1.
21
VCOM1
Common-Mode Voltage. A voltage applied to this pin sets the common-mode voltage of the inputs and
outputs of Amplifier 1. If left open, VCOM1 = VCC/2. Typically, it is decoupled to ground with a 0.1 µF
capacitor.
22
ENBL1
Enable for Amplifier 1. Apply positive voltage (1.3 V < ENBL1 < VCC1) to activate device.
EP
The exposed paddle is internally connected to GND and must be soldered to a low impedance ground plane.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com