Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADL5566ACPZ-R7 Datasheet(PDF) 1 Page - Analog Devices

Part # ADL5566ACPZ-R7
Description  4.5 GHz Ultrahigh Dynamic Range, Dual Differential Amplifier
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADL5566ACPZ-R7 Datasheet(HTML) 1 Page - Analog Devices

  ADL5566ACPZ-R7 Datasheet HTML 1Page - Analog Devices ADL5566ACPZ-R7 Datasheet HTML 2Page - Analog Devices ADL5566ACPZ-R7 Datasheet HTML 3Page - Analog Devices ADL5566ACPZ-R7 Datasheet HTML 4Page - Analog Devices ADL5566ACPZ-R7 Datasheet HTML 5Page - Analog Devices ADL5566ACPZ-R7 Datasheet HTML 6Page - Analog Devices ADL5566ACPZ-R7 Datasheet HTML 7Page - Analog Devices ADL5566ACPZ-R7 Datasheet HTML 8Page - Analog Devices ADL5566ACPZ-R7 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 24 page
background image
4.5 GHz Ultrahigh Dynamic Range,
Dual Differential Amplifier
Data Sheet
ADL5566
Rev. C
Document Feedback
Information furnished by Analog Devices is believed to be accurate and reliable. However, no
responsibilityisassumedbyAnalogDevicesforitsuse,norforanyinfringementsofpatentsorother
rightsofthirdpartiesthatmayresultfromitsuse.Specificationssubjecttochangewithoutnotice.No
license is granted by implication or otherwise under any patent or patent rights of Analog Devices.
Trademarksandregisteredtrademarksarethepropertyoftheirrespectiveowners.
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106, U.S.A.
Tel: 781.329.4700
©2012–2019 Analog Devices, Inc. All rights reserved.
Technical Support
www.analog.com
FEATURES
−3 dB bandwidth of 4.5 GHz (AV = 16 dB)
Fixed 16 dB gain
Channel-to-channel gain error: 0.1 dB at 100 MHz
Channel-to-channel phase error: 0.06° at 100 MHz
Differential or single-ended input to differential output
I/O dc-coupled or ac-coupled
Low noise input stage: 1.3 nV/√Hz RTI at AV = 16 dB
Low broadband distortion (AV = 16 dB), supply = 5 V
10 MHz: −103 dBc (HD2), −107 dBc (HD3)
100 MHz: −95 dBc (HD2), −100 dBc (HD3)
200 MHz: −94.5 dBc (HD2), −87 dBc (HD3)
500 MHz: −83 dBc (HD2), −64 dBc (HD3)
IMD3 of −95 dBc at 200 MHz center
Maintains low single-ended distortion performance out to
500 MHz
Slew rate: 16 V/ns
Maintains low distortion down to 1.2 V VCOM
Fixed 16 dB gain can be reduced by adding external resistors
Fast settling and overdrive recovery of 2.5 ns
Single-supply operation: 2.8 V to 5.2 V
Power-down
Low dc power consumption, 462 mW at 3.3 V supply
APPLICATIONS
Differential ADC drivers
Single-ended to differential conversion
RF/IF gain blocks
SAW filter interfacing
FUNCTIONAL BLOCK DIAGRAM
VCOM1
RF
RF
RG
RG
VCC1/VCC2
VIN1
VIP1
ENBL1
VON1
VOP1
VCOM2
RF
RF
RG
RG
VIN2
GND
ENBL2
VIP2
VON2
VOP2
ADL5566
Figure 1.
GENERAL DESCRIPTION
The ADL5566 is a high performance, dual differential amplifier
optimized for IF and dc applications. The amplifier offers low
noise of 1.3 nV/√Hz and excellent distortion performance over
a wide frequency range, making it an ideal driver for high speed
16-bit analog-to-digital converters (ADCs). The ADL5566 is
ideally suited for use in high performance, zero IF/complex
IF receiver designs. In addition, this device has excellent low
distortion for single-ended input drive applications.
The ADL5566 provides a gain of 16 dB. For the single-ended input
configuration, the gain is reduced to 14 dB. Using two external
series resistors for each amplifier expands the gain flexibility of
the amplifier and allows for any gain selection from 0 dB to 16 dB
for a differential input and 0 dB to 14 dB for a single-ended input.
In addition, this device maintains low distortion down to output
(VOCM) levels of 1.2 V providing an added capability for driving
CMOS ADCs at ac levels up to 2 V p-p.
The quiescent current of the ADL5566, using a 3.3 V supply, is
typically 70 mA per amplifier. When disabled, it consumes less
than 3.5 mA per amplifier and has −25 dB of input to output
isolation at 100 MHz.
The device is optimized for wideband, low distortion, and noise
performance, giving it unprecedented performance for overall
spurious-free dynamic range (SFDR). These attributes, together
with the adjustable gain capability, make this device the amplifier of
choice for driving a wide variety of ADCs, mixers, pin diode
attenuators, SAW filters, and multi-element discrete devices.
Fabricated on an Analog Devices, Inc., high speed SiGe process, the
ADL5566 is supplied in a compact 4 mm × 4 mm, 24-lead LFCSP
package and operates over the −40°C to +85°C temperature range.


Similar Part No. - ADL5566ACPZ-R7

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADL5561 AD-ADL5561 Datasheet
571Kb / 24P
2.9 GHz Ultralow Distortion RF/IF Differential Amplifier
REV. B
ADL5561 AD-ADL5561 Datasheet
760Kb / 25P
2.9 GHz Ultralow Distortion RF/IF Differential Amplifier
Rev. G
ADL5561-EVALZ AD-ADL5561-EVALZ Datasheet
571Kb / 24P
2.9 GHz Ultralow Distortion RF/IF Differential Amplifier
REV. B
ADL5561-EVALZ AD-ADL5561-EVALZ Datasheet
760Kb / 25P
2.9 GHz Ultralow Distortion RF/IF Differential Amplifier
Rev. G
ADL5561ACPZ-R7 AD-ADL5561ACPZ-R7 Datasheet
571Kb / 24P
2.9 GHz Ultralow Distortion RF/IF Differential Amplifier
REV. B
More results

Similar Description - ADL5566ACPZ-R7

ManufacturerPart #DatasheetDescription
logo
Mimix Broadband
CDQ6004-QS MIMIX-CDQ6004-QS Datasheet
549Kb / 10P
0.05-4.0 GHz Dual High Dynamic Range Amplifier
CDQ6004-QS MIMIX-CDQ6004-QS_07 Datasheet
535Kb / 10P
0.05-4.0 GHz Dual High Dynamic Range Amplifier
XG1001-SA MIMIX-XG1001-SA Datasheet
666Kb / 6P
100.05-4.0 GHz Dual High Dynamic Range Amplifier
logo
Analog Devices
ADL5565 AD-ADL5565 Datasheet
1Mb / 28P
6 GHz Ultrahigh Dynamic Range Differential Amplifier
REV. 0
ADL5565 AD-ADL5565_12 Datasheet
842Kb / 28P
6 GHz Ultrahigh Dynamic Range
REV. B
ADL5565 AD-ADL5565_13 Datasheet
961Kb / 29P
6 GHz Ultrahigh Dynamic Range Differential Amplifier
REV. D
ADL5567 AD-ADL5567 Datasheet
888Kb / 24P
4.3 GHz, Ultrahigh Dynamic Range, Dual Differential Amplifier
REV. 0
ADL5565 AD-ADL5565_17 Datasheet
893Kb / 29P
6 GHz Ultrahigh Dynamic Range Differential Amplifier
Rev. E
ADL5569 AD-ADL5569 Datasheet
618Kb / 16P
6.0 GHz, Ultrahigh Dynamic Range, Differential Amplifier
ADL5569 AD-ADL5569_V01 Datasheet
653Kb / 23P
6.5 GHz, Ultrahigh Dynamic Range, Differential Amplifier
Rev. C
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com