Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADL5566ACPZ-R7 Datasheet(PDF) 19 Page - Analog Devices

Part # ADL5566ACPZ-R7
Description  4.5 GHz Ultrahigh Dynamic Range, Dual Differential Amplifier
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADL5566ACPZ-R7 Datasheet(HTML) 19 Page - Analog Devices

Back Button ADL5566ACPZ-R7 Datasheet HTML 15Page - Analog Devices ADL5566ACPZ-R7 Datasheet HTML 16Page - Analog Devices ADL5566ACPZ-R7 Datasheet HTML 17Page - Analog Devices ADL5566ACPZ-R7 Datasheet HTML 18Page - Analog Devices ADL5566ACPZ-R7 Datasheet HTML 19Page - Analog Devices ADL5566ACPZ-R7 Datasheet HTML 20Page - Analog Devices ADL5566ACPZ-R7 Datasheet HTML 21Page - Analog Devices ADL5566ACPZ-R7 Datasheet HTML 22Page - Analog Devices ADL5566ACPZ-R7 Datasheet HTML 23Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 24 page
background image
Data Sheet
ADL5566
Rev. C | Page 19 of 24
DC-COUPLED RECEIVER APPLICATION
The ADL5566 is well suited for dc-coupled applications, such
as zero-IF direct conversion receivers. An example receiver
configuration is shown in Figure 48, consisting of the ADL5380
quadrature demodulator and the ADL5566 dual differential
amplifier. This is an ideal combination because of the wide RF
input bandwidth from 400 MHz to 6 GHz, the high linearity of the
ADL5566, and when operating on a 5 V supply, level shifting to
align the common-mode voltage is not required.
The interface between the ADL5380 and the ADL5566 is
straight forward because the impedance presented by the
ADL5566 is sufficiently high enough to permit directly
connecting the two devices without any degradation in
performance. When using the ADL5566 as shown in Figure 48,
the OIP3s at the outputs are improved due to the high OIP3 of
the amplifier pair (see Table 6). In a real-world receiver where
blockers are present, it is advantageous to insert a low-pass
filter between the ADL5380 and the ADL5566 to remove
these undesired signals.
If the ADL5566 is followed by an ADC, insert an antialiasing
filter between the ADL5566 and the ADC to prevent broadband
noise from aliasing back in band. For more information on this
interface, see the ADC Interfacing section.
The cascade of the performance of the circuit shown in Figure 48 is
presented in Table 6.
LOIN
ILO
VS
QLO
RFIN
0.1µF
100pF
GND3
GND1
GND1
GND3
RFIP
0°
90°
IHI
LOIP
QHI
NC
ENBL
0.1µF
100pF
0.1µF
100pF
1.5kΩ
100pF
100pF
TC1-1-13
R4
0Ω
0Ω
TC1-1-13
100pF
100pF
0.01µF
BALANCED
LOAD
VIP1
VIN1
0.01µF
VON1
VCOM1
VOP1
0.01µF
VCC2
RF
RF
RG
RG
2
21
18
18
18
17
1
2
1
ENBL1
ENBL2
VCC
VCC
RG
2
21
18
11
17
1
22
9
VCC1
ADL5566
20
0.01µF
BALANCED
LOAD
VIP2
VIN2
NC
NC
0.01µF
VON2
VCOM2
VOP2
0.01µF
RF
RF
RG
RG
5
3
4
7
8
12
15
16
19
23
10
13
14
24
6
19
24
13
6
12
4
3
23
9
10
20
16
15
18
7
22
21
1
2
5
8
11
14
17
GND3
GND3
0.01µF
10µF
VCC
0.01µF
5.1nH
5.1nH
+
Figure 48. DC-Coupled Interface Example Featuring the ADL5380
Table 6. Cascade Performance of the ADL5380 and ADL5566
IF Frequency = 200 MHz, RL = 200 Ω, VOUT = 2 V p-p Composite
Frequency (MHz)
HD2 (dBc)
HD3 (dBc)
OIP3 (dBm)
ADL5380 OIP3 (dBm)1
OIP2 (dBm)
Voltage Gain (dB)
Power Gain (dB)
900
−79.3
−84.2
44.9
26.2
91.8
18.1
12.0
1900
−82.2
−80.5
40.8
26.5
83.9
18.1
12.0
2700
−80.7
−73.9
39.6
25.7
75.6
18.1
12.0
1 Output referred IP3 of the ADL5380, PIN = −14 dBm, and RL = 200 Ω.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com