Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADL5566ACPZ-R7 Datasheet(PDF) 13 Page - Analog Devices

Part # ADL5566ACPZ-R7
Description  4.5 GHz Ultrahigh Dynamic Range, Dual Differential Amplifier
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADL5566ACPZ-R7 Datasheet(HTML) 13 Page - Analog Devices

Back Button ADL5566ACPZ-R7 Datasheet HTML 9Page - Analog Devices ADL5566ACPZ-R7 Datasheet HTML 10Page - Analog Devices ADL5566ACPZ-R7 Datasheet HTML 11Page - Analog Devices ADL5566ACPZ-R7 Datasheet HTML 12Page - Analog Devices ADL5566ACPZ-R7 Datasheet HTML 13Page - Analog Devices ADL5566ACPZ-R7 Datasheet HTML 14Page - Analog Devices ADL5566ACPZ-R7 Datasheet HTML 15Page - Analog Devices ADL5566ACPZ-R7 Datasheet HTML 16Page - Analog Devices ADL5566ACPZ-R7 Datasheet HTML 17Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 24 page
background image
Data Sheet
ADL5566
Rev. C | Page 13 of 24
–100
–95
–90
–85
–80
–75
–70
–65
–60
–55
–50
–45
–40
–35
–30
–25
–20
–15
–10
–5
0
10M
100M
1G
10G
FREQUENCY (Hz)
Figure 33. Output Referred Crosstalk, Channel A to Channel B, VPOS = 3.3 V,
VCOM = 1.65 V
60
65
70
75
80
85
–40
–20
0
20
40
60
80
100
TEMPERATURE (°C)
5V
3.3V
Figure 34. ISUPPLY vs. Temperature, RL = 200 Ω, VPOS = 3.3 V and VPOS = 5 V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com