Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADL5566ACPZ-R7 Datasheet(PDF) 18 Page - Analog Devices

Part # ADL5566ACPZ-R7
Description  4.5 GHz Ultrahigh Dynamic Range, Dual Differential Amplifier
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADL5566ACPZ-R7 Datasheet(HTML) 18 Page - Analog Devices

Back Button ADL5566ACPZ-R7 Datasheet HTML 14Page - Analog Devices ADL5566ACPZ-R7 Datasheet HTML 15Page - Analog Devices ADL5566ACPZ-R7 Datasheet HTML 16Page - Analog Devices ADL5566ACPZ-R7 Datasheet HTML 17Page - Analog Devices ADL5566ACPZ-R7 Datasheet HTML 18Page - Analog Devices ADL5566ACPZ-R7 Datasheet HTML 19Page - Analog Devices ADL5566ACPZ-R7 Datasheet HTML 20Page - Analog Devices ADL5566ACPZ-R7 Datasheet HTML 21Page - Analog Devices ADL5566ACPZ-R7 Datasheet HTML 22Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 24 page
background image
ADL5566
Data Sheet
Rev. C | Page 18 of 24
ADC INTERFACING
The ADL5566 is a dual high output linearity amplifier that is
optimized for ADC interfacing. One option of applying the
ADL5566 to drive an ADC is shown in Figure 47. The wideband
1:1 transmission line balun provides a differential input to the
amplifier, and the 36 Ω resistors provide a 50 Ω match to the
source. The ADL5566 is ac-coupled from the input and output
to avoid common-mode loading. A reference voltage is
required to bias the AD9268 inputs and is delivered through
the 200 Ω resistors. These, in parallel with the 400 Ω resistor,
create the low frequency amplifier load of 200 Ω. The 56 nH
inductors and the 56 pF capacitor are used to create a 70 MHz
low-pass filter. The two 25 Ω resistors are added to raise the
ADL5566 output impedance, which reduces peaking when the
filter drives a light load. The two 25 Ω resistors provide isolation to
the switching currents of the ADC sample-and-hold circuitry.
The AD9268 dual ADC presents a 6 kΩ differential load
impedance and requires a 1 V p-p to 2 V p-p input signal to
reach full scale. The system frequency response is shown in
Figure 46. By applying a 2 V p-p, 32 MHz single-tone signal from
the ADL5566 in a gain of 16 dB, an SFDR of 94.6 dBc is achieved.
By applying two half scale signals of 32 MHz and 33 MHz from
the ADL5566 in a gain of 16 dB, an SFDR of 90.5 dBc is
realized.
0
6
0
12
18
24303642
5460
48
FREQUENCY (MHz)
–15
–30
–45
–60
–75
–90
–105
–120
–135
–150
3
+
5
6
2
SNR = 74.28dB
FUND FREQ = 32.123MHz
FUND POWER = –1.014dBFS
SECOND HARM = –94.629dBc
THIRD HARM = –95.19dBc
FOURTH HARM = –99.98dBc
FIFTH HARM = –104.971dBc
SIXTH HARM = –107.105dBc
4
Figure 44. Measured Single-Tone Performance of the Circuit in Figure 47 for a
32 MHz Input Signal
6
0
0
12
18
24
30
36
42
48
54
60
FREQUENCY (MHz)
–15
–30
–45
–60
–75
–90
–105
–120
–135
–150
FUNDAMENTAL1 = –7.03dBFS
FUNDAMENTAL2 = –7.05dBFS
IMD (2f1 – f2) = –90.53dBc
IMD (2f2 + f1) = –96.81dBc
NOISE FLOOR = –114.703dB
Figure 45. Measured Two-Tone Performance of the Circuit in Figure 47 for a
32 MHz and 33 MHz Input Signals
–20
–19
–18
–17
–16
–15
–14
–13
–12
–11
–10
–9
–8
–7
–6
–5
–4
–3
–2
–1
0
1
2
0
20
40
60
80
100
120
140
160
FREQUENCY (MHz)
Figure 46. Measured Relative Frequency Response of the Wideband ADC
Interface Depicted in Figure 47
VIN_1
VIP_1
56pF
AD9268
SIDE A
ETC1-1
VCC
200Ω
200Ω
0.1µF
0.1µF
+
–
½
ADL5566
AC
0.1µF
0.1µF
50Ω
36Ω
36Ω
400Ω
25Ω
25Ω
VREF
25Ω
25Ω
16
Figure 47. Wideband ADC Interfacing Example Featuring the AD9268



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com