Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IMX6SDLCEC Datasheet(PDF) 149 Page - NXP Semiconductors

Part # IMX6SDLCEC
Description  i.MX 6Solo/6DualLite Applications Processors for Consumer Products
PDF  169 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

IMX6SDLCEC Datasheet(HTML) 149 Page - NXP Semiconductors

Back Button IMX6SDLCEC Datasheet HTML 145Page - NXP Semiconductors IMX6SDLCEC Datasheet HTML 146Page - NXP Semiconductors IMX6SDLCEC Datasheet HTML 147Page - NXP Semiconductors IMX6SDLCEC Datasheet HTML 148Page - NXP Semiconductors IMX6SDLCEC Datasheet HTML 149Page - NXP Semiconductors IMX6SDLCEC Datasheet HTML 150Page - NXP Semiconductors IMX6SDLCEC Datasheet HTML 151Page - NXP Semiconductors IMX6SDLCEC Datasheet HTML 152Page - NXP Semiconductors IMX6SDLCEC Datasheet HTML 153Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 149 / 169 page
background image
Package Information and Contact Assignments
i.MX 6Solo/6DualLite Applications Processors for Consumer Products, Rev. 9, 11/2018
NXP Semiconductors
149
EIM_EB1
K23
NVCC_EIM
GPIO
ALT0
EIM_EB1
Output
High
EIM_EB2
E22
NVCC_EIM
GPIO
ALT5
GPIO2_IO30
Input
100 k
Ω pull-up
EIM_EB3
F23
NVCC_EIM
GPIO
ALT5
GPIO2_IO31
Input
100 k
Ω pull-up
EIM_LBA
K22
NVCC_EIM
GPIO
ALT0
EIM_LBA
Output
High
EIM_OE
J24
NVCC_EIM
GPIO
ALT0
EIM_OE
Output
High
EIM_RW
K20
NVCC_EIM
GPIO
ALT0
EIM_RW
Output
High
EIM_WAIT
M25
NVCC_EIM
GPIO
ALT0
EIM_WAIT
Input
100 k
Ω pull-up
ENET_CRS_DV
U21
NVCC_ENET
GPIO
ALT5
GPIO1_IO25
Input
100 k
Ω pull-up
ENET_MDC
V20
NVCC_ENET
GPIO
ALT5
GPIO1_IO31
Input
100 k
Ω pull-up
ENET_MDIO
V23
NVCC_ENET
GPIO
ALT5
GPIO1_IO22
Input
100 k
Ω pull-up
ENET_REF_CLK3
V22
NVCC_ENET
GPIO
ALT5
GPIO1_IO23
Input
100 k
Ω pull-up
ENET_RX_ER
W23
NVCC_ENET
GPIO
ALT5
GPIO1_IO24
Input
100 k
Ω pull-up
ENET_RXD0
W21
NVCC_ENET
GPIO
ALT5
GPIO1_IO27
Input
100 k
Ω pull-up
ENET_RXD1
W22
NVCC_ENET
GPIO
ALT5
GPIO1_IO26
Input
100 k
Ω pull-up
ENET_TX_EN
V21
NVCC_ENET
GPIO
ALT5
GPIO1_IO28
Input
100 k
Ω pull-up
ENET_TXD0
U20
NVCC_ENET
GPIO
ALT5
GPIO1_IO30
Input
100 k
Ω pull-up
ENET_TXD1
W20
NVCC_ENET
GPIO
ALT5
GPIO1_IO29
Input
100 k
Ω pull-up
GPIO_0
T5
NVCC_GPIO
GPIO
ALT5
GPIO1_IO00
Input
100 k
Ω pull-down
GPIO_1
T4
NVCC_GPIO
GPIO
ALT5
GPIO1_IO01
Input
100 k
Ω pull-up
GPIO_16
R2
NVCC_GPIO
GPIO
ALT5
GPIO7_IO11
Input
100 k
Ω pull-up
GPIO_17
R1
NVCC_GPIO
GPIO
ALT5
GPIO7_IO12
Input
100 k
Ω pull-up
GPIO_18
P6
NVCC_GPIO
GPIO
ALT5
GPIO7_IO13
Input
100 k
Ω pull-up
GPIO_19
P5
NVCC_GPIO
GPIO
ALT5
GPIO4_IO05
Input
100 k
Ω pull-up
GPIO_2
T1
NVCC_GPIO
GPIO
ALT5
GPIO1_IO02
Input
100 k
Ω pull-up
GPIO_3
R7
NVCC_GPIO
GPIO
ALT5
GPIO1_IO03
Input
100 k
Ω pull-up
GPIO_4
R6
NVCC_GPIO
GPIO
ALT5
GPIO1_IO04
Input
100 k
Ω pull-up
GPIO_5
R4
NVCC_GPIO
GPIO
ALT5
GPIO1_IO05
Input
100 k
Ω pull-up
GPIO_6
T3
NVCC_GPIO
GPIO
ALT5
GPIO1_IO06
Input
100 k
Ω pull-up
GPIO_7
R3
NVCC_GPIO
GPIO
ALT5
GPIO1_IO07
Input
100 k
Ω pull-up
GPIO_8
R5
NVCC_GPIO
GPIO
ALT5
GPIO1_IO08
Input
100 k
Ω pull-up
GPIO_9
T2
NVCC_GPIO
GPIO
ALT5
GPIO1_IO09
Input
100 k
Ω pull-up
HDMI_CLKM
J5
HDMI
—
—
HDMI_TX_CLK_N
—
—
HDMI_CLKP
J6
HDMI
—
—
HDMI_TX_CLK_P
—
—
HDMI_D0M
K5
HDMI
—
—
HDMI_TX_DATA0_N
—
—
HDMI_D0P
K6
HDMI
—
—
HDMI_TX_DATA0_P
—
—
HDMI_D1M
J3
HDMI
—
—
HDMI_TX_DATA1_N
—
—
Table 97. 21 x 21 mm Functional Contact Assignments (continued)
Ball Name
Ball
Power Group
Ball Type
Out of Reset Condition1
Default
Mode
(Reset
Mode)
Default Function
Input/
Output
Value2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com