Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IMX6SDLCEC Datasheet(PDF) 12 Page - NXP Semiconductors

Part # IMX6SDLCEC
Description  i.MX 6Solo/6DualLite Applications Processors for Consumer Products
PDF  169 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

IMX6SDLCEC Datasheet(HTML) 12 Page - NXP Semiconductors

Back Button IMX6SDLCEC Datasheet HTML 8Page - NXP Semiconductors IMX6SDLCEC Datasheet HTML 9Page - NXP Semiconductors IMX6SDLCEC Datasheet HTML 10Page - NXP Semiconductors IMX6SDLCEC Datasheet HTML 11Page - NXP Semiconductors IMX6SDLCEC Datasheet HTML 12Page - NXP Semiconductors IMX6SDLCEC Datasheet HTML 13Page - NXP Semiconductors IMX6SDLCEC Datasheet HTML 14Page - NXP Semiconductors IMX6SDLCEC Datasheet HTML 15Page - NXP Semiconductors IMX6SDLCEC Datasheet HTML 16Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 169 page
background image
i.MX 6Solo/6DualLite Applications Processors for Consumer Products, Rev. 9, 11/2018
12
NXP Semiconductors
Modules List
CSU
Central Security Unit
Security
The Central Security Unit (CSU) is responsible for
setting comprehensive security policy within the i.MX
6Solo/6DualLite platform.
CTI-0
CTI-1
CTI-2
CTI-3
CTI-4
Cross Trigger Interfaces
Debug / Trace
Cross Trigger Interfaces allows cross-triggering based
on inputs from masters attached to CTIs. The CTI
module is internal to the Cortex-A9 Core Platform.
CTM
Cross Trigger Matrix
Debug / Trace
Cross Trigger Matrix IP is used to route triggering events
between CTIs. The CTM module is internal to the
Cortex-A9 Core Platform.
DAP
Debug Access Port
System Control
Peripherals
The DAP provides real-time access for the debugger
without halting the core to:
• System memory and peripheral registers
• All debug configuration registers
The DAP also provides debugger access to JTAG scan
chains. The DAP module is internal to the Cortex-A9
Core Platform.
DCIC-0
DCIC-1
Display Content Integrity
Checker
Automotive IP
The DCIC provides integrity check on portion(s) of the
display. Each i.MX 6Solo/6DualLite processor has two
such modules.
DSI
MIPI DSI i/f
Multimedia
Peripherals
The MIPI DSI IP provides DSI standard display port
interface. The DSI interface support 80 Mbps to 1 Gbps
speed per data lane.
DTCP
DTCP
Multimedia
Peripherals
Provides encryption function according to Digital
Transmission Content Protection standard for traffic
over MLB150.
eCSPI1-4
Configurable SPI
Connectivity
Peripherals
Full-duplex enhanced Synchronous Serial Interface. It is
configurable to support Master/Slave modes, four chip
selects to support multiple peripherals.
ENET
Ethernet Controller
Connectivity
Peripherals
The Ethernet Media Access Controller (MAC) is
designed to support 10/100/1000 Mbps Ethernet/IEEE
802.3 networks. An external transceiver interface and
transceiver function are required to complete the
interface to the media. The module has dedicated
hardware to support the IEEE 1588 standard. See the
ENET chapter of the reference manual for details.
Note: The theoretical maximum performance of 1 Gbps
ENET is limited to 470 Mbps (total for Tx and Rx) due to
internal bus throughput limitations. The actual
measured performance in optimized environment is up
to 400 Mbps. For details, see the ERR004512 erratum
in the i.MX 6Solo/6DualLite errata document
(IMX6SDLCE).
Table 2. i.MX 6Solo/6DualLite Modules List (continued)
Block Mnemonic
Block Name
Subsystem
Brief Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com