Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IMX6SDLCEC Datasheet(PDF) 94 Page - NXP Semiconductors

Part # IMX6SDLCEC
Description  i.MX 6Solo/6DualLite Applications Processors for Consumer Products
PDF  169 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

IMX6SDLCEC Datasheet(HTML) 94 Page - NXP Semiconductors

Back Button IMX6SDLCEC Datasheet HTML 90Page - NXP Semiconductors IMX6SDLCEC Datasheet HTML 91Page - NXP Semiconductors IMX6SDLCEC Datasheet HTML 92Page - NXP Semiconductors IMX6SDLCEC Datasheet HTML 93Page - NXP Semiconductors IMX6SDLCEC Datasheet HTML 94Page - NXP Semiconductors IMX6SDLCEC Datasheet HTML 95Page - NXP Semiconductors IMX6SDLCEC Datasheet HTML 96Page - NXP Semiconductors IMX6SDLCEC Datasheet HTML 97Page - NXP Semiconductors IMX6SDLCEC Datasheet HTML 98Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 94 / 169 page
background image
i.MX 6Solo/6DualLite Applications Processors for Consumer Products, Rev. 9, 11/2018
94
NXP Semiconductors
Electrical Characteristics
4.11.10.2 Sensor Interface Timings
There are three camera timing modes supported by the IPU.
4.11.10.2.1 BT.656 and BT.1120 Video Mode
Smart camera sensors, which include imaging processing, usually support video mode transfer. They use
an embedded timing syntax to replace the IPUx_CSIx_VSYNC and IPUx_CSIx_HSYNC signals. The
timing syntax is defined by the BT.656/BT.1120 standards.
This operation mode follows the recommendations of ITU BT.656/ ITU BT.1120 specifications. The only
control signal used is IPUx_CSIx_PIX_CLK. Start-of-frame and active-line signals are embedded in the
data stream. An active line starts with a SAV code and ends with a EAV code. In some cases, digital
blanking is inserted in between EAV and SAV code. The CSI decodes and filters out the timing-coding
from the data stream, thus recovering IPUx_CSIx_VSYNC and IPUx_CSIx_HSYNC signals for internal
use. On BT.656 one component per cycle is received over the IPUx_CSIx_DATA_EN bus. On BT.1120
two components per cycle are received over the IPUx_CSIx_DATA_EN bus.
IPUx_CSIx_
DATA13
B[1], G[4]
R[3],G[5],B[3]
R/G/B[5]
R/G/B[1]
Y/C[1]
G[4]
Y[1]
Y[1]
Y[3]
IPUx_CSIx_
DATA14
B[2], G[5]
R[4],G[0],B[4]
R/G/B[0]
R/G/B[2]
Y/C[2]
G[5]
Y[2]
Y[2]
Y[4]
IPUx_CSIx_
DATA15
B[3], R[0]
R[0],G[1],B[0]
R/G/B[1]
R/G/B[3]
Y/C[3]
R[0]
Y[3]
Y[3]
Y[5]
IPUx_CSIx_
DATA16
B[4], R[1]
R[1],G[2],B[1]
R/G/B[2]
R/G/B[4]
Y/C[4]
R[1]
Y[4]
Y[4]
Y[6]
IPUx_CSIx_
DATA17
G[0], R[2]
R[2],G[3],B[2]
R/G/B[3]
R/G/B[5]
Y/C[5]
R[2]
Y[5]
Y[5]
Y[7]
IPUx_CSIx_
DATA18
G[1], R[3]
R[3],G[4],B[3]
R/G/B[4]
R/G/B[6]
Y/C[6]
R[3]
Y[6]
Y[6]
Y[8]
IPUx_CSIx_
DATA19
G[2], R[4]
R[4],G[5],B[4]
R/G/B[5]
R/G/B[7]
Y/C[7]
R[4]
Y[7]
Y[7]
Y[9]
1 IPUx_CSIx stands for IPUx_CSI0 or IPUx_CSI1.
2 The MSB bits are duplicated on LSB bits implementing color extension.
3 The two MSB bits are duplicated on LSB bits implementing color extension.
4 YCbCr, 8 bits—Supported within the BT.656 protocol (sync embedded within the data stream).
5 RGB 16 bits—Supported in two ways: (1) As a “generic data” input, with no on-the-fly processing; (2) With on-the-fly
processing, but only under some restrictions on the control protocol.
6 YCbCr 16 bits—Supported as a “generic-data” input, with no on-the-fly processing.
7 YCbCr 16 bits—Supported as a sub-case of the YCbCr, 20 bits, under the same conditions (BT.1120 protocol).
8 YCbCr, 20 bits—Supported only within the BT.1120 protocol (syncs embedded within the data stream).
Table 64. Camera Input Signal Cross Reference, Format, and Bits Per Cycle (continued)
Signal
Name1
RGB565
8 bits
2 cycles
RGB5652
8 bits
3 cycles
RGB6663
8 bits
3 cycles
RGB888
8 bits
3 cycles
YCbCr4
8 bits
2 cycles
RGB5655
16 bits
1 cycle
YCbCr6
16 bits
1 cycle
YCbCr7
16 bits
1 cycle
YCbCr8
20 bits
1 cycle



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com