Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IMX6SDLCEC Datasheet(PDF) 29 Page - NXP Semiconductors

Part # IMX6SDLCEC
Description  i.MX 6Solo/6DualLite Applications Processors for Consumer Products
PDF  169 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

IMX6SDLCEC Datasheet(HTML) 29 Page - NXP Semiconductors

Back Button IMX6SDLCEC Datasheet HTML 25Page - NXP Semiconductors IMX6SDLCEC Datasheet HTML 26Page - NXP Semiconductors IMX6SDLCEC Datasheet HTML 27Page - NXP Semiconductors IMX6SDLCEC Datasheet HTML 28Page - NXP Semiconductors IMX6SDLCEC Datasheet HTML 29Page - NXP Semiconductors IMX6SDLCEC Datasheet HTML 30Page - NXP Semiconductors IMX6SDLCEC Datasheet HTML 31Page - NXP Semiconductors IMX6SDLCEC Datasheet HTML 32Page - NXP Semiconductors IMX6SDLCEC Datasheet HTML 33Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 169 page
background image
Electrical Characteristics
i.MX 6Solo/6DualLite Applications Processors for Consumer Products, Rev. 9, 11/2018
NXP Semiconductors
29
The choice of a clock source must be based on real-time clock use and precision timeout.
4.1.5
Maximum Supply Currents
The Power Virus numbers shown in Table 10 represent a use case designed specifically to show the
maximum current consumption possible. All cores are running at the defined maximum frequency and are
limited to L1 cache accesses only to ensure no pipeline stalls. Although a valid condition, it would have a
very limited practical use case, if at all, and be limited to an extremely low duty cycle unless the intention
was to specifically show the worst case power consumption.
The NXP power management IC, MMPF0100xxxx, which is targeted for the i.MX 6 series processor
family, supports the power consumption shown in Table 10, however a robust thermal design is required
for the increased system power dissipation.
See the i.MX 6Solo/6DualLite Power Consumption Measurement Application Note (AN4576) for more
details on typical power consumption under various use case definitions.
Table 10. Maximum Supply Currents
Power Line
Conditions
Max Current
Unit
VDD_ARM_IN
i.MX 6DualLite: 996 MHz Arm clock based on
Power Virus operation
2200
mA
i.MX 6Solo: 996 MHz Arm clock based on Power
Virus operation
1320
mA
VDD_SOC_IN
996 MHz Arm clock
1260
mA
VDD_HIGH_IN
—
1251
mA
VDD_SNVS_IN
—
2752
μA
USB_OTG_VBUS/
USB_H1_VBUS (LDO 3P0)
—253
mA
Primary Interface (IO) Supplies
NVCC_DRAM
—
—4
—
NVCC_ENET
N=10
Use maximum IO equation5
—
NVCC_LCD
N=29
Use maximum IO equation5
—
NVCC_GPIO
N=24
Use maximum IO equation5
—
NVCC_CSI
N=20
Use maximum IO equation5
—
NVCC_EIM
N=53
Use maximum IO equation5
—
NVCC_JTAG
N=6
Use maximum IO equation5
—
NVCC_RGMII
N=6
Use maximum IO equation5
—
NVCC_SD1
N=6
Use maximum IO equation5
—
NVCC_SD2
N=6
Use maximum IO equation5
—
NVCC_SD3
N=11
Use maximum IO equation5
—
NVCC_NANDF
N=26
Use maximum IO equation5
—



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com