Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IMX6SDLCEC Datasheet(PDF) 89 Page - NXP Semiconductors

Part # IMX6SDLCEC
Description  i.MX 6Solo/6DualLite Applications Processors for Consumer Products
PDF  169 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

IMX6SDLCEC Datasheet(HTML) 89 Page - NXP Semiconductors

Back Button IMX6SDLCEC Datasheet HTML 85Page - NXP Semiconductors IMX6SDLCEC Datasheet HTML 86Page - NXP Semiconductors IMX6SDLCEC Datasheet HTML 87Page - NXP Semiconductors IMX6SDLCEC Datasheet HTML 88Page - NXP Semiconductors IMX6SDLCEC Datasheet HTML 89Page - NXP Semiconductors IMX6SDLCEC Datasheet HTML 90Page - NXP Semiconductors IMX6SDLCEC Datasheet HTML 91Page - NXP Semiconductors IMX6SDLCEC Datasheet HTML 92Page - NXP Semiconductors IMX6SDLCEC Datasheet HTML 93Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 89 / 169 page
background image
Electrical Characteristics
i.MX 6Solo/6DualLite Applications Processors for Consumer Products, Rev. 9, 11/2018
NXP Semiconductors
89
4.11.8
Switching Characteristics
Table 62 describes switching characteristics for the HDMI 3D Tx PHY. Figure 54 to Figure 58 illustrate
various parameters specified in table.
NOTE
All dynamic parameters related to the TMDS line drivers’ performance
imply the use of assembly guidelines.
TMDS drivers DC specifications
VOFF
Single-ended standby voltage RT = 50
Ω
For measurement conditions
and definitions, see the first
two figures above.
Compliance point TP1 as
defined in the HDMI
specification, version 1.3a,
section 4.2.4.
avddtmds ± 10 mV
mV
V
SWING
Single-ended output swing
voltage
400
—
600
mV
VH
Single-ended output high
voltage
For definition, see the second
figure above
If attached sink supports
TMDSCLK < or = 165 MHz
avddtmds ± 10 mV
mV
If attached sink supports
TMDSCLK > 165 MHz
avddtmds
- 200 mV
—
avddtmds
+ 10 mV
mV
VL
Single-ended output low
voltage
For definition, see the second
figure above
If attached sink supports
TMDSCLK < or = 165 MHz
avddtmds
- 600 mV
—
avddtmds
- 400mV
mV
If attached sink supports
TMDSCLK > 165 MHz
avddtmds
- 700 mV
—
avddtmds
- 400 mV
mV
RTERM
Differential source termination
load (inside HDMI 3D Tx PHY)
Although the HDMI 3D Tx
PHY includes differential
source termination, the
user-defined value is set for
each single line (for
illustration, see Figure 53).
Note: RTERM can also be
configured to be open and not
present on TMDS channels.
—50
—
200
Ω
Hot plug detect specifications
HPDVH
Hot plug detect high range
—
2.0
—
5.3
V
VHPD
VL
Hot plug detect low range
—
0
—
0.8
V
HPD
Z
Hot plug detect input
impedance
—10
—
—
k
Ω
HPD
t
Hot plug detect time delay
—
—
—
100
µs
Table 61. Electrical Characteristics (continued)
Symbol
Parameter
Condition
Min
Typ
Max
Unit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com