Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IMX6SDLCEC Datasheet(PDF) 74 Page - NXP Semiconductors

Part # IMX6SDLCEC
Description  i.MX 6Solo/6DualLite Applications Processors for Consumer Products
PDF  169 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

IMX6SDLCEC Datasheet(HTML) 74 Page - NXP Semiconductors

Back Button IMX6SDLCEC Datasheet HTML 70Page - NXP Semiconductors IMX6SDLCEC Datasheet HTML 71Page - NXP Semiconductors IMX6SDLCEC Datasheet HTML 72Page - NXP Semiconductors IMX6SDLCEC Datasheet HTML 73Page - NXP Semiconductors IMX6SDLCEC Datasheet HTML 74Page - NXP Semiconductors IMX6SDLCEC Datasheet HTML 75Page - NXP Semiconductors IMX6SDLCEC Datasheet HTML 76Page - NXP Semiconductors IMX6SDLCEC Datasheet HTML 77Page - NXP Semiconductors IMX6SDLCEC Datasheet HTML 78Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 74 / 169 page
background image
i.MX 6Solo/6DualLite Applications Processors for Consumer Products, Rev. 9, 11/2018
74
NXP Semiconductors
Electrical Characteristics
4.11.2.2
ECSPI Slave Mode Timing
Figure 37 depicts the timing of ECSPI in slave mode. Table 50 lists the ECSPI slave mode timing
characteristics.
Figure 37. ECSPI Slave Mode Timing Diagram
Table 50. ECSPI Slave Mode Timing Parameters
ID
Parameter
Symbol
Min
Max
Unit
CS1 ECSPIx_SCLK Cycle Time–Read
ECSPIx_SCLK Cycle Time–Write
tclk
43
15
—ns
CS2 ECSPIx_SCLK High or Low Time–Read
ECSPIx_SCLK High or Low Time–Write
tSW
21.5
7
—ns
CS4 ECSPIx_SS_B pulse width
tCSLH
Half ECSPIx_SCLK period
ns
CS5 ECSPIx_SS_B Lead Time (CS setup time)
tSCS
5—
ns
CS6 ECSPIx_SS_B Lag Time (CS hold time)
tHCS
5—
ns
CS7 ECSPIx_MOSI Setup Time
tSmosi
4—
ns
CS8 ECSPIx_MOSI Hold Time
tHmosi
4—
ns
CS9 ECSPIx_MISO Propagation Delay (CLOAD =20pF)
tPDmiso
419
ns
CS1
CS7
CS8
CS2
CS2
CS4
CS6
CS5
CS9
ECSPIx_SCLK
ECSPIx_SS_B
ECSPIx_MISO
ECSPIx_MOSI
Note: ECSPIx_MISO is always driven (not tri-stated) between actual data transmissions. This limits the ECSPI to be con-
nected between a single master and a single slave.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com