Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IMX6SDLCEC Datasheet(PDF) 39 Page - NXP Semiconductors

Part # IMX6SDLCEC
Description  i.MX 6Solo/6DualLite Applications Processors for Consumer Products
PDF  169 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

IMX6SDLCEC Datasheet(HTML) 39 Page - NXP Semiconductors

Back Button IMX6SDLCEC Datasheet HTML 35Page - NXP Semiconductors IMX6SDLCEC Datasheet HTML 36Page - NXP Semiconductors IMX6SDLCEC Datasheet HTML 37Page - NXP Semiconductors IMX6SDLCEC Datasheet HTML 38Page - NXP Semiconductors IMX6SDLCEC Datasheet HTML 39Page - NXP Semiconductors IMX6SDLCEC Datasheet HTML 40Page - NXP Semiconductors IMX6SDLCEC Datasheet HTML 41Page - NXP Semiconductors IMX6SDLCEC Datasheet HTML 42Page - NXP Semiconductors IMX6SDLCEC Datasheet HTML 43Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 169 page
background image
Electrical Characteristics
i.MX 6Solo/6DualLite Applications Processors for Consumer Products, Rev. 9, 11/2018
NXP Semiconductors
39
4.6
I/O DC Parameters
This section includes the DC parameters of the following I/O types:
General Purpose I/O (GPIO)
Double Data Rate I/O (DDR) for LPDDR2 and DDR3 modes
•LVDS I/O
•MLB I/O
NOTE
The term ‘OVDD’ in this section refers to the associated supply rail of an
input or output.
Figure 4. Circuit for Parameters Voh and Vol for I/O Cells
Table 21. OSC32K Main Characteristics
Characteristic
Min
Typ
Max
Comments
Fosc
32.768 KHz
This frequency is nominal and determined mainly by the crystal selected.
32.0 K will work as well.
Current consumption
4
μA—
The 4
μA is the consumption of the oscillator alone (OSC32k). Total supply
consumption will depend on what the digital portion of the RTC consumes.
The ring oscillator consumes 1
μA when ring oscillator is inactive, 20 μA
when the ring oscillator is running. Another 1.5
μA is drawn from vdd_rtc
in the power_detect block. So, the total current is 6.5
μA on vdd_rtc when
the ring oscillator is not running.
Bias resistor
14 M
Ω
This the integrated bias resistor that sets the amplifier into a high gain
state. Any leakage through the ESD network, external board leakage, or
even a scope probe that is significant relative to this value will debias the
amp. The debiasing will result in low gain, and will impact the circuit's ability
to start up and maintain oscillations.
Crystal Properties
Cload
10 pF
Usually crystals can be purchased tuned for different Cloads. This Cload
value is typically 1/2 of the capacitances realized on the PCB on either side
of the quartz. A higher Cload will decrease oscillation margin, but
increases current oscillating through the crystal.
ESR
50 k
Ω
100 k
Ω Equivalent series resistance of the crystal. Choosing a crystal with a higher
value will decrease the oscillating margin.
0
or
1
Predriver
pdat
ovdd
pad
nmos (Rpd)
ovss
Voh min
Vol max
pmos (Rpu)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com