Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IMX6SDLCEC Datasheet(PDF) 98 Page - NXP Semiconductors

Part # IMX6SDLCEC
Description  i.MX 6Solo/6DualLite Applications Processors for Consumer Products
PDF  169 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

IMX6SDLCEC Datasheet(HTML) 98 Page - NXP Semiconductors

Back Button IMX6SDLCEC Datasheet HTML 94Page - NXP Semiconductors IMX6SDLCEC Datasheet HTML 95Page - NXP Semiconductors IMX6SDLCEC Datasheet HTML 96Page - NXP Semiconductors IMX6SDLCEC Datasheet HTML 97Page - NXP Semiconductors IMX6SDLCEC Datasheet HTML 98Page - NXP Semiconductors IMX6SDLCEC Datasheet HTML 99Page - NXP Semiconductors IMX6SDLCEC Datasheet HTML 100Page - NXP Semiconductors IMX6SDLCEC Datasheet HTML 101Page - NXP Semiconductors IMX6SDLCEC Datasheet HTML 102Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 98 / 169 page
background image
i.MX 6Solo/6DualLite Applications Processors for Consumer Products, Rev. 9, 11/2018
98
NXP Semiconductors
Electrical Characteristics
NOTE
Table 66 provides information for both the DISP0 and DISP1 ports.
However, DISP1 port has reduced pinout depending on IOMUXC
configuration and therefore may not support all the above configurations.
See the IOMUXC chapter of the i.MX 6Solo/6DualLite Reference Manual
(IMX6SDLRM).
4.11.10.5 IPU Display Interface Timing
The IPU Display Interface supports two kinds of display accesses: synchronous and asynchronous. There
are two groups of external interface pins to provide synchronous and asynchronous controls accordantly.
DIx_PIN4
—
Additional frame/row synchronous
signals with programmable timing
DIx_PIN5
—
DIx_PIN6
—
DIx_PIN7
—
DIx_PIN8
—
DIx_D0_CS
—
—
DIx_D1_CS
—
Alternate mode of PWM output for
contrast or brightness control
DIx_PIN11
—
—
DIx_PIN12
—
—
DIx_PIN13
—
Register select signal
DIx_PIN14
—
Optional RS2
DIx_PIN15
DRDY/DV
Data validation/blank, data enable
DIx_PIN16
—
Additional data synchronous
signals with programmable
features/timing
DIx_PIN17
Q
1
Signal mapping (both data and control/synchronization) is flexible. The table provides examples.
2
Restrictions for ports IPUx_DISPx_DAT00 through IPUx_DISPx_DAT23 are as follows:
• A maximum of three continuous groups of bits can be independently mapped to the external bus. Groups must not overlap.
• The bit order is expressed in each of the bit groups, for example, B[0] = least significant blue pixel bit.
3 This mode works in compliance with recommendation ITU-R BT.656. The timing reference signals (frame start, frame end, line
start, and line end) are embedded in the 8-bit data bus. Only video data is supported, transmission of non-video related data
during blanking intervals is not supported.
Table 66. Video Signal Cross-Reference (continued)
i.MX 6Solo/6DualLite
LCD
Comment1,2
Port Name
(x=0, 1)
RGB,
Signal
Name
(General)
RGB/TV Signal Allocation (Example)
16-bit
RGB
18-bit
RGB
24 Bit
RGB
8-bit
YCrCb3
16-bit
YCrCb
20-bit
YCrCb



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com