Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IMX6SDLCEC Datasheet(PDF) 40 Page - NXP Semiconductors

Part # IMX6SDLCEC
Description  i.MX 6Solo/6DualLite Applications Processors for Consumer Products
PDF  169 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

IMX6SDLCEC Datasheet(HTML) 40 Page - NXP Semiconductors

Back Button IMX6SDLCEC Datasheet HTML 36Page - NXP Semiconductors IMX6SDLCEC Datasheet HTML 37Page - NXP Semiconductors IMX6SDLCEC Datasheet HTML 38Page - NXP Semiconductors IMX6SDLCEC Datasheet HTML 39Page - NXP Semiconductors IMX6SDLCEC Datasheet HTML 40Page - NXP Semiconductors IMX6SDLCEC Datasheet HTML 41Page - NXP Semiconductors IMX6SDLCEC Datasheet HTML 42Page - NXP Semiconductors IMX6SDLCEC Datasheet HTML 43Page - NXP Semiconductors IMX6SDLCEC Datasheet HTML 44Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 40 / 169 page
background image
i.MX 6Solo/6DualLite Applications Processors for Consumer Products, Rev. 9, 11/2018
40
NXP Semiconductors
Electrical Characteristics
4.6.1
XTALI and RTC_XTALI (Clock Inputs) DC Parameters
Table 22 shows the DC parameters for the clock inputs.
NOTE
The Vil and Vih specifications only apply when an external clock source is
used. If a crystal is used, Vil and Vih do not apply.
4.6.2
General Purpose I/O (GPIO) DC Parameters
Table 23 shows DC parameters for GPIO pads. The parameters in Table 23 are guaranteed per the
operating ranges in Table 8, unless otherwise noted.
Table 22. XTALI and RTC_XTALI DC Parameters
Parameter
Symbol
Test Conditions
Min
Typ
Max
Unit
XTALI high-level DC input voltage
Vih
—
0.8 x NVCC_PLL
—
NVCC_PLL
V
XTALI low-level DC input voltage
Vil
—
0
—
0.2V
V
RTC_XTALI high-level DC input voltage
Vih
—
0.8
—
1.11
1 This voltage specification must not be exceeded and, as such, is an absolute maximum specification.
V
RTC_XTALI low-level DC input voltage
Vil
—
0
—
0.2
V
Input capacitance
CIN
Simulated data
—
5
—
pF
XTALI input leakage current at startup
IXTALI_STARTUP
Power-on startup for
0.15msec with a driven
24 MHz clock at 1.1 V.2
2 This current draw is present even if an external clock source directly drives XTALI. The 24 MHz oscillator cell is powered from
NVCC_PLL_OUT.
——
600
μA
DC input current
IXTALI_DC
——
—
2.5
μA
Table 23. GPIO DC Parameters
Parameter
Symbol
Test Conditions
Min
Max
Units
High-level output voltage1
VOH
Ioh= -0.1mA (DSE=001,010)
Ioh= -1mA
(DSE=011,100,101,110,111)
OVDD - 0.15
—
V
Low-level output voltage1
VOL
Iol= 0.1mA (DSE=001,010)
Iol= 1mA
(DSE=011,100,101,110,111)
—0.15
V
High-Level input voltage1,2
VIH
—
0.7
× OVDD
OVDD
V
Low-Level input voltage1,2
VIL
—
0
0.3
× OVDD
V
Input Hysteresis (OVDD= 1.8V)
VHYS_LowVDD
OVDD=1.8V
250
—
mV
Input Hysteresis (OVDD=3.3V
VHYS_HighVDD
OVDD=3.3V
250
—
mV
Schmitt trigger VT+2,3
VTH+
—
0.5
× OVDD
—
mV
Schmitt trigger VT-2,3
VTH-
—
—
0.5
× OVDD mV
Pull-up resistor (22_k
Ω PU)
RPU_22K
Vin=0V
—
212
uA
Pull-up resistor (22_k
Ω PU)
RPU_22K
Vin=OVDD
—
1
uA
Pull-up resistor (47_k
Ω PU)
RPU_47K
Vin=0V
—
100
uA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com