Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IMX6SDLCEC Datasheet(PDF) 16 Page - NXP Semiconductors

Part # IMX6SDLCEC
Description  i.MX 6Solo/6DualLite Applications Processors for Consumer Products
PDF  169 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

IMX6SDLCEC Datasheet(HTML) 16 Page - NXP Semiconductors

Back Button IMX6SDLCEC Datasheet HTML 12Page - NXP Semiconductors IMX6SDLCEC Datasheet HTML 13Page - NXP Semiconductors IMX6SDLCEC Datasheet HTML 14Page - NXP Semiconductors IMX6SDLCEC Datasheet HTML 15Page - NXP Semiconductors IMX6SDLCEC Datasheet HTML 16Page - NXP Semiconductors IMX6SDLCEC Datasheet HTML 17Page - NXP Semiconductors IMX6SDLCEC Datasheet HTML 18Page - NXP Semiconductors IMX6SDLCEC Datasheet HTML 19Page - NXP Semiconductors IMX6SDLCEC Datasheet HTML 20Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 169 page
background image
i.MX 6Solo/6DualLite Applications Processors for Consumer Products, Rev. 9, 11/2018
16
NXP Semiconductors
Modules List
OCOTP_CTRL
OTP Controller
Security
The On-Chip OTP controller (OCOTP_CTRL) provides
an interface for reading, programming, and/or overriding
identification and control information stored in on-chip
fuse elements. The module supports
electrically-programmable poly fuses (eFUSEs). The
OCOTP_CTRL also provides a set of volatile
software-accessible signals that can be used for
software control of hardware elements, not requiring
non-volatility. The OCOTP_CTRL provides the primary
user-visible mechanism for interfacing with on-chip fuse
elements. Among the uses for the fuses are unique chip
identifiers, mask revision numbers, cryptographic keys,
JTAG secure mode, boot characteristics, and various
control signals, requiring permanent non-volatility.
OCRAM
On-Chip Memory
controller
Data Path
The On-Chip Memory controller (OCRAM) module is
designed as an interface between system’s AXI bus and
internal (on-chip) SRAM memory module.
In i.MX 6Solo/6DualLite processors, the OCRAM is
used for controlling the 128 KB multimedia RAM through
a 64-bit AXI bus.
OSC32KHz
OSC32KHz
Clocking
Generates 32.768 KHz clock from external crystal.
PCIe
PCI Express 2.0
Connectivity
Peripherals
The PCIe IP provides PCI Express Gen 2.0 functionality.
PMU
Power-Management
functions
Data Path
Integrated power management unit. Used to provide
power to various SoC domains.
PWM-1
PWM-2
PWM-3
PWM-4
Pulse Width Modulation
Connectivity
Peripherals
The pulse-width modulator (PWM) has a 16-bit counter
and is optimized to generate sound from stored sample
audio images and it can also generate tones. It uses
16-bit resolution and a 4x16 data FIFO to generate
sound.
PXP
PiXel Processing Pipeline
Display Peripherals
A high-performance pixel processor capable of 1
pixel/clock performance for combined operations, such
as color-space conversion, alpha blending,
gamma-mapping, and rotation. The PXP is enhanced
with features specifically for gray scale applications. In
addition, the PXP supports traditional pixel/frame
processing paths for still-image and video processing
applications, allowing it to interface with the integrated
EPD.
RAM
128 KB
Internal RAM
Internal Memory
Internal RAM, which is accessed through OCRAM
memory controller.
RAM
16 KB
Secure/non-secure RAM
Secured Internal
Memory
Secure/non-secure Internal RAM, interfaced through
the CAAM.
ROM
96KB
Boot ROM
Internal Memory
Supports secure and regular Boot Modes. Includes read
protection on 4K region for content protection.
ROMCP
ROM Controller with
Patch
Data Path
ROM Controller with ROM Patch support
Table 2. i.MX 6Solo/6DualLite Modules List (continued)
Block Mnemonic
Block Name
Subsystem
Brief Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com