Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IMX6SDLCEC Datasheet(PDF) 42 Page - NXP Semiconductors

Part # IMX6SDLCEC
Description  i.MX 6Solo/6DualLite Applications Processors for Consumer Products
PDF  169 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

IMX6SDLCEC Datasheet(HTML) 42 Page - NXP Semiconductors

Back Button IMX6SDLCEC Datasheet HTML 38Page - NXP Semiconductors IMX6SDLCEC Datasheet HTML 39Page - NXP Semiconductors IMX6SDLCEC Datasheet HTML 40Page - NXP Semiconductors IMX6SDLCEC Datasheet HTML 41Page - NXP Semiconductors IMX6SDLCEC Datasheet HTML 42Page - NXP Semiconductors IMX6SDLCEC Datasheet HTML 43Page - NXP Semiconductors IMX6SDLCEC Datasheet HTML 44Page - NXP Semiconductors IMX6SDLCEC Datasheet HTML 45Page - NXP Semiconductors IMX6SDLCEC Datasheet HTML 46Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 42 / 169 page
background image
i.MX 6Solo/6DualLite Applications Processors for Consumer Products, Rev. 9, 11/2018
42
NXP Semiconductors
Electrical Characteristics
4.6.3.2
DDR3/DDR3L Mode I/O DC Parameters
The parameters in Table 25 are guaranteed per the operating ranges in Table 8, unless otherwise noted. For
details on supported DDR memory configurations, see Section 4.9.4, “Multi-Mode DDR Controller
(MMDC).
4.6.4
RGMII I/O 2.5V I/O DC Electrical Parameters
The RGMII interface complies with the RGMII standard version 1.3. The parameters in Table 26 are
guaranteed per the operating ranges in Table 8, unless otherwise noted.
3 The single-ended signals need to be within the respective limits (Vih(dc) max, Vil(dc) min) for single-ended signals as well as
the limitations for overshoot and undershoot.
Table 25. DDR3/DDR3L I/O DC Electrical Characteristics1
1 Note that the JEDEC DDR3 specification (JESD79_3D) supersedes any specification in this document.
Parameters
Symbol
Test Conditions
Min
Max
Unit
High-level output voltage
VOH
Ioh= -0.1mA
Voh (for DSE=001)
0.8
× OVDD2
2 OVDD – I/O power supply (1.425 V–1.575 V for DDR3 and 1.283 V–1.45 V for DDR3L)
—V
Low-level output voltage
VOL
Iol= 0.1mA
Vol (for DSE=001)
—0.2
× OVDD
V
High-level output voltage
VOH
Ioh= -1mA
Voh (for all except DSE=001)
0.8
× OVDD
—
V
Low-level output voltage
VOL
Iol= 1mA
Vol (for all except DSE=001)
—0.2
× OVDD
V
Input Reference Voltage
Vref
—
0.49
× OVDD
0.51
× OVDD
V
DC High-Level input voltage
Vih_DC
—
Vref3+0.1
3 Vref – DDR3/DDR3L external reference voltage.
OVDD
V
DC Low-Level input voltage
Vil_DC
—
OVSS
Vref-0.1
V
Differential Input Logic High
Vih_diff
—
0.2
See Note4
4 The single-ended signals need to be within the respective limits (Vih(dc) max, Vil(dc) min) for single-ended signals as well as
the limitations for overshoot and undershoot.
V
Differential Input Logic Low
Vil_diff
—
See Note3
-0.2
V
Termination Voltage
Vtt
Vtt tracking OVDD/2
0.49
× OVDD
0.51
× OVDD
V
Pull-up/Pull-down Impedance Mismatch
Mmpupd
—
-10
10
%
240
Ω unit calibration resolution
Rres
—
—
10
Ω
Keeper Circuit Resistance
Rkeep
—
105
165
k
Ω
Input current (no pull-up/down)
Iin
VI = 0,VI = OVDD
-2.9
2.9
μA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com