Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IMX6SDLCEC Datasheet(PDF) 30 Page - NXP Semiconductors

Part # IMX6SDLCEC
Description  i.MX 6Solo/6DualLite Applications Processors for Consumer Products
PDF  169 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

IMX6SDLCEC Datasheet(HTML) 30 Page - NXP Semiconductors

Back Button IMX6SDLCEC Datasheet HTML 26Page - NXP Semiconductors IMX6SDLCEC Datasheet HTML 27Page - NXP Semiconductors IMX6SDLCEC Datasheet HTML 28Page - NXP Semiconductors IMX6SDLCEC Datasheet HTML 29Page - NXP Semiconductors IMX6SDLCEC Datasheet HTML 30Page - NXP Semiconductors IMX6SDLCEC Datasheet HTML 31Page - NXP Semiconductors IMX6SDLCEC Datasheet HTML 32Page - NXP Semiconductors IMX6SDLCEC Datasheet HTML 33Page - NXP Semiconductors IMX6SDLCEC Datasheet HTML 34Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 169 page
background image
i.MX 6Solo/6DualLite Applications Processors for Consumer Products, Rev. 9, 11/2018
30
NXP Semiconductors
Electrical Characteristics
4.1.6
Low Power Mode Supply Currents
Table 11 shows the current core consumption (not including I/O) of i.MX 6Solo/6DualLite processors in
selected low power modes.
NVCC_LVDS2P56
—
NVCC_LVDS2P5 is connected to
VDD_HIGH_CAP at the board level.
VDD_HIGH_CAP is capable of
handing the current required by
NVCC_LVDS2P5.
—
MISC
DDR_VREF
—
1
mA
1 The actual maximum current drawn from VDD_HIGH_IN will be as shown plus any additional current drawn from the
VDD_HIGH_CAP outputs, depending upon actual application configuration (for example, NVCC_LVDS_2P5, NVCC_MIPI, or
HDMI and PCIe VPH supplies).
2 Under normal operating conditions, the maximum current on VDD_SNVS_IN is shown in Table 10. The maximum
VDD_SNVS_IN current may be higher depending on specific operating configurations, such as BOOT_MODE[1:0] not equal
to 00, or use of the Tamper feature. During initial power on, VDD_SNVS_IN can draw up to 1 mA if the supply is capable of
sourcing that current. If less than 1 mA is available, the VDD_SNVS_CAP charge time will increase.
3 This is the maximum current per active USB physical interface.
4 The DRAM power consumption is dependent on several factors, such as external signal termination. DRAM power calculators
are typically available from the memory vendors. They take in account factors, such as signal termination. See the i.MX
6Solo/DualLite Power Consumption Measurement Application Note (AN4576) for examples of DRAM power consumption
during specific use case scenarios.
5 General equation for estimated, maximum power consumption of an IO power supply:
Imax = N x C x V x (0.5 x F)
Where:
N—Number of IO pins supplied by the power line
C—Equivalent external capacitive load
V—IO voltage
(0.5 xF)—Data change rate. Up to 0.5 of the clock rate (F)
In this equation, Imax is in Amps, C in Farads, V in Volts, and F in Hertz.
6 NVCC_LVDS2P5 is supplied by VDD_HIGH_CAP (by external connection) so the maximum supply current is included in the
current shown for VDD_HIGH_IN. The maximum supply current for NVCC_LVDS2P5 has not been characterized separately.
Table 11. Stop Mode Current and Power Consumption
Mode
Test Conditions
Supply
Typical1
Units
WAIT
• Arm, SoC, and PU LDOs are set to 1.225
• HIGH LDO set to 2.5 V
• Clocks are gated.
• DDR is in self refresh.
• PLLs are active in bypass (24MHz)
• Supply Voltages remain ON
VDD_ARM_IN (1.4V)
4.5
mA
VDD_SOC_IN (1.4V)
23
VDD_HIGH_IN (3.0V)
13.5
Total
79
mW
Table 10. Maximum Supply Currents (continued)
Power Line
Conditions
Max Current
Unit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com