Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IMX6SDLCEC Datasheet(PDF) 15 Page - NXP Semiconductors

Part # IMX6SDLCEC
Description  i.MX 6Solo/6DualLite Applications Processors for Consumer Products
PDF  169 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

IMX6SDLCEC Datasheet(HTML) 15 Page - NXP Semiconductors

Back Button IMX6SDLCEC Datasheet HTML 11Page - NXP Semiconductors IMX6SDLCEC Datasheet HTML 12Page - NXP Semiconductors IMX6SDLCEC Datasheet HTML 13Page - NXP Semiconductors IMX6SDLCEC Datasheet HTML 14Page - NXP Semiconductors IMX6SDLCEC Datasheet HTML 15Page - NXP Semiconductors IMX6SDLCEC Datasheet HTML 16Page - NXP Semiconductors IMX6SDLCEC Datasheet HTML 17Page - NXP Semiconductors IMX6SDLCEC Datasheet HTML 18Page - NXP Semiconductors IMX6SDLCEC Datasheet HTML 19Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 169 page
background image
Modules List
i.MX 6Solo/6DualLite Applications Processors for Consumer Products, Rev. 9, 11/2018
NXP Semiconductors
15
IPUv3H
Image Processing Unit,
ver.3H
Multimedia
Peripherals
IPUv3H enables connectivity to displays and video
sources, relevant processing and synchronization and
control capabilities, allowing autonomous operation.
The IPUv3H supports concurrent output to two display
ports and concurrent input from two camera ports,
through the following interfaces:
• Parallel Interfaces for both display and camera
• Single/dual channel LVDS display interface
• HDMI transmitter
• MIPI/DSI transmitter
• MIPI/CSI-2 receiver
The processing includes:
• Image conversions: resizing, rotation, inversion, and
color space conversion
• A high-quality de-interlacing filter
• Video/graphics combining
• Image enhancement: color adjustment and gamut
mapping, gamma correction, and contrast
enhancement
• Support for display backlight reduction
KPP
Key Pad Port
Connectivity
Peripherals
KPP Supports 8x8 external key pad matrix. KPP
features are:
• Open drain design
• Glitch suppression circuit design
• Multiple keys detection
• Standby key press detection
LDB
LVDS Display Bridge
Connectivity
Peripherals
LVDS Display Bridge is used to connect the IPU (Image
Processing Unit) to External LVDS Display Interface.
LDB supports two channels; each channel has following
signals:
• One clock pair
• Four data pairs
Each signal pair contains LVDS special differential pad
(PadP, PadM).
MLB150
MediaLB
Connectivity /
Multimedia
Peripherals
The MLB interface module provides a link to a MOST®
data network, using the standardized MediaLB protocol
(up to 6144 fs).
The module is backward compatible to MLB-50.
MMDC
Multi-Mode DDR
Controller
Connectivity
Peripherals
DDR Controller has the following features:
• Supports 16/32-bit DDR3-800 (LV) or LPDDR2-800
in i.MX 6Solo
• Supports 16/32/64-bit DDR3-800 (LV) or
LPDDR2-800 in i.MX 6DualLite
• Supports 2x32 LPDDR2-800 in i.MX 6DualLite
• Supports up to 4 GByte DDR memory space
Table 2. i.MX 6Solo/6DualLite Modules List (continued)
Block Mnemonic
Block Name
Subsystem
Brief Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com