Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IMX6SDLCEC Datasheet(PDF) 20 Page - NXP Semiconductors

Part # IMX6SDLCEC
Description  i.MX 6Solo/6DualLite Applications Processors for Consumer Products
PDF  169 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

IMX6SDLCEC Datasheet(HTML) 20 Page - NXP Semiconductors

Back Button IMX6SDLCEC Datasheet HTML 16Page - NXP Semiconductors IMX6SDLCEC Datasheet HTML 17Page - NXP Semiconductors IMX6SDLCEC Datasheet HTML 18Page - NXP Semiconductors IMX6SDLCEC Datasheet HTML 19Page - NXP Semiconductors IMX6SDLCEC Datasheet HTML 20Page - NXP Semiconductors IMX6SDLCEC Datasheet HTML 21Page - NXP Semiconductors IMX6SDLCEC Datasheet HTML 22Page - NXP Semiconductors IMX6SDLCEC Datasheet HTML 23Page - NXP Semiconductors IMX6SDLCEC Datasheet HTML 24Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 169 page
background image
i.MX 6Solo/6DualLite Applications Processors for Consumer Products, Rev. 9, 11/2018
20
NXP Semiconductors
Modules List
WDOG-1
Watch Dog
Timer Peripherals
The Watch Dog Timer supports two comparison points
during each counting period. Each of the comparison
points is configurable to evoke an interrupt to the Arm
core, and a second point evokes an external event on
the WDOG line.
WDOG-2
(TZ)
Watch Dog (TrustZone)
Timer Peripherals
The TrustZone Watchdog (TZ WDOG) timer module
protects against TrustZone starvation by providing a
method of escaping normal mode and forcing a switch
to the TZ mode. TZ starvation is a situation where the
normal OS prevents switching to the TZ mode. Such
situation is undesirable as it can compromise the
system’s security. Once the TZ WDOG module is
activated, it must be serviced by TZ software on a
periodic basis. If servicing does not take place, the timer
times out. Upon a time-out, the TZ WDOG asserts a TZ
mapped interrupt that forces switching to the TZ mode.
If it is still not served, the TZ WDOG asserts a security
violation signal to the CSU. The TZ WDOG module
cannot be programmed or deactivated by a normal
mode SW.
WEIM
NOR-Flash /PSRAM
interface
Connectivity
Peripherals
The WEIM NOR-FLASH / PSRAM provides:
• Support 16-bit (in muxed IO mode only) PSRAM
memories (sync and async operating modes), at slow
frequency
• Support 16-bit (in muxed IO mode only) NOR-Flash
memories, at slow frequency
• Multiple chip selects
XTALOSC
Crystal Oscillator I/F
Clocks, Resets, and
Power Control
The XTALOSC module enables connectivity to external
crystal oscillator device. In a typical application
use-case, it is used for 24 MHz oscillator to provide USB
required frequency.
Table 2. i.MX 6Solo/6DualLite Modules List (continued)
Block Mnemonic
Block Name
Subsystem
Brief Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com