Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IMX6SDLCEC Datasheet(PDF) 66 Page - NXP Semiconductors

Part # IMX6SDLCEC
Description  i.MX 6Solo/6DualLite Applications Processors for Consumer Products
PDF  169 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

IMX6SDLCEC Datasheet(HTML) 66 Page - NXP Semiconductors

Back Button IMX6SDLCEC Datasheet HTML 62Page - NXP Semiconductors IMX6SDLCEC Datasheet HTML 63Page - NXP Semiconductors IMX6SDLCEC Datasheet HTML 64Page - NXP Semiconductors IMX6SDLCEC Datasheet HTML 65Page - NXP Semiconductors IMX6SDLCEC Datasheet HTML 66Page - NXP Semiconductors IMX6SDLCEC Datasheet HTML 67Page - NXP Semiconductors IMX6SDLCEC Datasheet HTML 68Page - NXP Semiconductors IMX6SDLCEC Datasheet HTML 69Page - NXP Semiconductors IMX6SDLCEC Datasheet HTML 70Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 66 / 169 page
background image
i.MX 6Solo/6DualLite Applications Processors for Consumer Products, Rev. 9, 11/2018
66
NXP Semiconductors
Electrical Characteristics
In EDO mode (Figure 28), NF16/NF17 are different from the definition in non-EDO mode (Figure 27).
They are called tREA/tRHOH (RE# access time/RE# HIGH to output hold). The typical value for them
are 16 ns (max for tREA)/15 ns (min for tRHOH) at 50 MB/s EDO mode. In EDO mode, GPMI will
sample NAND_DATAxx at rising edge of delayed NAND_RE_B provided by an internal DPLL. The delay
value can be controlled by GPMI_CTRL1.RDN_DELAY (see the GPMI chapter of the i.MX
6Solo/6DualLite reference manual). The typical value of this control register is 0x8 at 50 MT/s EDO mode.
But if the board delay is big enough and cannot be ignored, the delay value should be made larger to
compensate the board delay.
Table 46. Asynchronous Mode Timing Parameters1
1 GPMI’s Async Mode output timing can be controlled by the module’s internal registers
HW_GPMI_TIMING0_ADDRESS_SETUP, HW_GPMI_TIMING0_DATA_SETUP, and HW_GPMI_TIMING0_DATA_HOLD.
This AC timing depends on these registers settings. In the table, AS/DS/DH represents each of these settings.
ID
Parameter
Symbol
Timing
T = GPMI Clock Cycle
Unit
Min
Max
NF1
NAND_CLE setup time
tCLS
(AS + DS)
× T - 0.12 [see 2,3]
2
AS minimum value can be 0, while DS/DH minimum value is 1.
3 T = GPMI clock period -0.075ns (half of maximum p-p jitter).
ns
NF2
NAND_CLE hold time
tCLH
DH
× T - 0.72 [see 2]ns
NF3
NAND_CE0_B setup time
tCS
(AS + DS + 1)
× T [see 3,2]ns
NF4
NAND_CE0_B hold time
tCH
(DH+1)
× T - 1 [see 2]ns
NF5
NAND_WE_B pulse width
tWP
DS
× T [see 2]ns
NF6
NAND_ALE setup time
tALS
(AS + DS)
× T - 0.49 [see 3,2]ns
NF7
NAND_ALE hold time
tALH
(DH
× T - 0.42 [see 2]ns
NF8
Data setup time
tDS
DS
× T - 0.26 [see 2]ns
NF9
Data hold time
tDH
DH
× T - 1.37 [see 2]ns
NF10
Write cycle time
tWC
(DS + DH)
× T [see 2]ns
NF11
NAND_WE_B hold time
tWH
DH
× T [see 2]ns
NF12
Ready to NAND_RE_B low
tRR4
4 NF12 is guaranteed by the design.
(AS + 2)
× T [see 3,2]—
ns
NF13
NAND_RE_B pulse width
tRP
DS
× T [see 2]ns
NF14
READ cycle time
tRC
(DS + DH)
× T [see 2]ns
NF15
NAND_RE_B high hold time
tREH
DH
× T [see 2]ns
NF16
Data setup on read
tDSR
—
(DS
× T -0.67)/18.38 [see 5,6]
5 Non-EDO mode.
6 EDO mode, GPMI clock ≈ 100 MHz
(AS=DS=DH=1, GPMI_CTL1 [RDN_DELAY] = 8, GPMI_CTL1 [HALF_PERIOD] = 0).
ns
NF17
Data hold on read
tDHR
0.82/11.83 [see 5,6]—
ns



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com