Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IMX6SDLCEC Datasheet(PDF) 91 Page - NXP Semiconductors

Part # IMX6SDLCEC
Description  i.MX 6Solo/6DualLite Applications Processors for Consumer Products
PDF  169 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

IMX6SDLCEC Datasheet(HTML) 91 Page - NXP Semiconductors

Back Button IMX6SDLCEC Datasheet HTML 87Page - NXP Semiconductors IMX6SDLCEC Datasheet HTML 88Page - NXP Semiconductors IMX6SDLCEC Datasheet HTML 89Page - NXP Semiconductors IMX6SDLCEC Datasheet HTML 90Page - NXP Semiconductors IMX6SDLCEC Datasheet HTML 91Page - NXP Semiconductors IMX6SDLCEC Datasheet HTML 92Page - NXP Semiconductors IMX6SDLCEC Datasheet HTML 93Page - NXP Semiconductors IMX6SDLCEC Datasheet HTML 94Page - NXP Semiconductors IMX6SDLCEC Datasheet HTML 95Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 91 / 169 page
background image
Electrical Characteristics
i.MX 6Solo/6DualLite Applications Processors for Consumer Products, Rev. 9, 11/2018
NXP Semiconductors
91
Figure 58. TMDS Output Signals Rise and Fall Time Definition
Table 62. Switching Characteristics
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
TMDS Drivers Specifications
—
Maximum serial data rate
—
—
—
3.4
Gbps
F
TMDSCLK
TMDSCLK frequency
On TMDSCLKP/N outputs
25
—
340
MHz
P
TMDSCLK
TMDSCLK period
RL = 50
Ω
See Figure 54.
2.94
—
40
ns
t
CDC
TMDSCLK duty cycle
t
CDC
= t
CPH
/ P
TMDSCLK
RL = 50
Ω
See Figure 54.
40
50
60
%
t
CPH
TMDSCLK high time
RL = 50
Ω
See Figure 54.
45
6
UI1
1 UI means TMDS clock unit.
t
CPL
TMDSCLK low time
RL = 50
Ω
See Figure 54.
45
6
UI1
—
TMDSCLK jitter2
2 Relative to ideal recovery clock, as specified in the HDMI specification, version 1.4a, section 4.2.3.
RL = 50
Ω
—
—
0.25
UI1
t
SK(p)
Intra-pair (pulse) skew
RL = 50
Ω
See Figure 56.
—
—
0.15
UI1
t
SK(pp)
Inter-pair skew
RL = 50
Ω
See Figure 57.
——
1
UI1
tR
Differential output signal rise
time
20–80%
RL = 50
Ω
See Figure 58.
75
—
0.4 UI
ps
tF
Differential output signal fall time
20–80%
RL = 50
Ω
See Figure 58.
75
—
0.4 UI
ps
—
Differential signal overshoot
Referred to 2x VSWING
——
15
%
—
Differential signal undershoot
Referred to 2x VSWING
——
25
%



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com