Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IMX6SDLCEC Datasheet(PDF) 19 Page - NXP Semiconductors

Part # IMX6SDLCEC
Description  i.MX 6Solo/6DualLite Applications Processors for Consumer Products
PDF  169 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

IMX6SDLCEC Datasheet(HTML) 19 Page - NXP Semiconductors

Back Button IMX6SDLCEC Datasheet HTML 15Page - NXP Semiconductors IMX6SDLCEC Datasheet HTML 16Page - NXP Semiconductors IMX6SDLCEC Datasheet HTML 17Page - NXP Semiconductors IMX6SDLCEC Datasheet HTML 18Page - NXP Semiconductors IMX6SDLCEC Datasheet HTML 19Page - NXP Semiconductors IMX6SDLCEC Datasheet HTML 20Page - NXP Semiconductors IMX6SDLCEC Datasheet HTML 21Page - NXP Semiconductors IMX6SDLCEC Datasheet HTML 22Page - NXP Semiconductors IMX6SDLCEC Datasheet HTML 23Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 169 page
background image
Modules List
i.MX 6Solo/6DualLite Applications Processors for Consumer Products, Rev. 9, 11/2018
NXP Semiconductors
19
uSDHC-1
uSDHC-2
uSDHC-3
uSDHC-4
SD/MMC and SDXC
Enhanced Multi-Media
Card / Secure Digital Host
Controller
Connectivity
Peripherals
i.MX 6Solo/6DualLite specific SoC characteristics:
All four MMC/SD/SDIO controller IPs are identical and
are based on the uSDHC IP. They are:
• Conforms to the SD Host Controller Standard
Specification version 3.0.
• Fully compliant with MMC command/response sets
and Physical Layer as defined in the Multimedia Card
System Specification, v4.2/4.3/4.4/4.41 including
high-capacity (size > 2 GB) cards HC MMC.
• Fully compliant with SD command/response sets and
Physical Layer as defined in the SD Memory Card
Specifications, v3.0 including high-capacity SDHC
cards up to 32 GB and SDXC cards up to 2 TB.
• Fully compliant with SDIO command/response sets
and interrupt/read-wait mode as defined in the SDIO
Card Specification, Part E1, v3.0
All four ports support:
• 1-bit or 4-bit transfer mode specifications for SD and
SDIO cards up to UHS-I SDR104 mode (104 MB/s
max)
• 1-bit, 4-bit, or 8-bit transfer mode specifications for
MMC cards up to 52 MHz in both SDR and DDR
modes (104 MB/s max)
However, the SoC level integration and I/O muxing logic
restrict the functionality to the following:
• Instances #1 and #2 are primarily intended to serve
as external slots or interfaces to on-board SDIO
devices. These ports are equipped with “Card
detection” and “Write Protection” pads and do not
support hardware reset.
• Instances #3 and #4 are primarily intended to serve
interfaces to embedded MMC memory or interfaces
to on-board SDIO devices. These ports do not have
“Card detection” and “Write Protection” pads and do
support hardware reset.
• All ports can work with 1.8 V and 3.3 V cards. There
are two completely independent I/O power domains
for Ports #1 and #2 in four bit configuration (SD
interface). Port #3 is placed in his own independent
power domain and port #4 shares power domain with
some other interfaces.
VDOA
VDOA
Multimedia
Peripherals
Video Data Order Adapter (VDOA): used to re-order
video data from the “tiled” order used by the VPU to the
conventional raster-scan order needed by the IPU.
VPU
Video Processing Unit
Multimedia
Peripherals
A high-performing video processing unit (VPU), which
covers many SD-level and HD-level video decoders and
SD-level encoders as a multi-standard video codec
engine as well as several important video processing,
such as rotation and mirroring.
See the i.MX 6Solo/6DualLite Reference Manual
(IMX6SDLRM) for complete list of VPU’s
decoding/encoding capabilities.
Table 2. i.MX 6Solo/6DualLite Modules List (continued)
Block Mnemonic
Block Name
Subsystem
Brief Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com