Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IMX6SDLCEC Datasheet(PDF) 43 Page - NXP Semiconductors

Part # IMX6SDLCEC
Description  i.MX 6Solo/6DualLite Applications Processors for Consumer Products
PDF  169 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

IMX6SDLCEC Datasheet(HTML) 43 Page - NXP Semiconductors

Back Button IMX6SDLCEC Datasheet HTML 39Page - NXP Semiconductors IMX6SDLCEC Datasheet HTML 40Page - NXP Semiconductors IMX6SDLCEC Datasheet HTML 41Page - NXP Semiconductors IMX6SDLCEC Datasheet HTML 42Page - NXP Semiconductors IMX6SDLCEC Datasheet HTML 43Page - NXP Semiconductors IMX6SDLCEC Datasheet HTML 44Page - NXP Semiconductors IMX6SDLCEC Datasheet HTML 45Page - NXP Semiconductors IMX6SDLCEC Datasheet HTML 46Page - NXP Semiconductors IMX6SDLCEC Datasheet HTML 47Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 43 / 169 page
background image
Electrical Characteristics
i.MX 6Solo/6DualLite Applications Processors for Consumer Products, Rev. 9, 11/2018
NXP Semiconductors
43
Table 26. RGMII I/O 1.8V and 2.5V mode DC Electrical Characteristics1
1 Input Mode Selection "SW_PAD_CTL_GRP_DDR_TYPE_RGMII"='10' (1.8V Mode)
"SW_PAD_CTL_GRP_DDR_TYPE_RGMII"='11' (2.5V Mode).
Parameters
Symbol
Test Conditions
Min
Max
Unit
High-level Output Voltage1
VOH
Ioh= -0.1mA (DSE=001,010)
Ioh= -1mA (DSE=011,100,101,110,111)
OVDD-0.15
—
V
Low-level Output Voltage1
VOL
Iol= 0.1mA (DSE=001,010)
Iol= 1mA (DSE=011,100,101,110,111)
—0.15
V
Input Reference Voltage
Vref
—0.49
× OVDD 0.51 × OVDD
V
High-Level Input Voltage2 3
2 Overshoot and undershoot conditions (transitions above OVDD and below GND) on switching pads must be held below 0.6
V, and the duration of the overshoot/undershoot must not exceed 10% of the system clock cycle. Overshoot/ undershoot must
be controlled through printed circuit board layout, transmission line impedance matching, signal line termination, or other
methods. Non-compliance to this specification may affect device reliability or cause permanent damage to the device.
3 To maintain a valid level, the transition edge of the input must sustain a constant slew rate (monotonic) from the current DC
level through to the target DC level, VIL or VIH. Monotonic input transition time is from 0.1 ns to 1 s.
VIH
—0.7
× OVDD
OVDD
V
Low-Level Input Voltage2 3
VIL
—0
0.3
× OVDD
V
Input Hysteresis
(OVDD=1.8V)
VHYS_HighVDD
OVDD=1.8V
250
—
mV
Input Hysteresis
(OVDD=2.5V)
VHYS_HighVDD
OVDD=2.5V
250
—
mV
Schmitt Trigger VT+3 4
4 Hysteresis of 250 mV is guaranteed over all operating conditions when hysteresis is enabled (register
IOMUXC_SW_PAD_CTL_PAD_RGMII_TXC[HYS]= 0).
VTH
+
—0.5
× OVDD
—
mV
Schmitt Trigger VT-3 4
VTH
-
——
0.5
× OVDD
mV
Pull-up Resistor (22 k
Ω PU)
RPU_22K
Vin=0V
—
212
μA
Pull-up Resistor (22 k
Ω PU)
RPU_22K
Vin=OVDD
-—
1
μA
Pull-up Resistor (47 k
Ω PU)
RPU_47K
Vin=0V
—
100
μA
Pull-up Resistor (47 k
Ω PU)
RPU_47K
Vin=OVDD
—
1
μA
Pull-up Resistor (100 k
Ω PU)
RPU_100K
Vin=0V
—
48
μA
Pull-up Resistor (100 k
Ω PU)
RPU_100K
Vin=OVDD
—
1
μA
Pull-down Resistor (100 k
Ω
PD)
RPD_100K
Vin=OVDD
—
48
μA
Pull-down Resistor (100 k
Ω
PD)
RPD_100K
Vin=0V
—
1
μA
Keeper Circuit Resistance
Rkeep
105
165
k
Ω
Input Current (no
pull-up/down)
Iin
VI = 0, VI = OVDD
-2.9
2.9
μA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com