Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IMX6SDLCEC Datasheet(PDF) 41 Page - NXP Semiconductors

Part # IMX6SDLCEC
Description  i.MX 6Solo/6DualLite Applications Processors for Consumer Products
PDF  169 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

IMX6SDLCEC Datasheet(HTML) 41 Page - NXP Semiconductors

Back Button IMX6SDLCEC Datasheet HTML 37Page - NXP Semiconductors IMX6SDLCEC Datasheet HTML 38Page - NXP Semiconductors IMX6SDLCEC Datasheet HTML 39Page - NXP Semiconductors IMX6SDLCEC Datasheet HTML 40Page - NXP Semiconductors IMX6SDLCEC Datasheet HTML 41Page - NXP Semiconductors IMX6SDLCEC Datasheet HTML 42Page - NXP Semiconductors IMX6SDLCEC Datasheet HTML 43Page - NXP Semiconductors IMX6SDLCEC Datasheet HTML 44Page - NXP Semiconductors IMX6SDLCEC Datasheet HTML 45Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 41 / 169 page
background image
Electrical Characteristics
i.MX 6Solo/6DualLite Applications Processors for Consumer Products, Rev. 9, 11/2018
NXP Semiconductors
41
4.6.3
DDR I/O DC Parameters
The DDR I/O pads support LPDDR2 and DDR3/DDR3L operational modes.
4.6.3.1
LPDDR2 Mode I/O DC Parameters
For details on supported DDR memory configurations, see Section 4.9.4, “Multi-Mode DDR Controller
(MMDC).
Pull-up resistor (47_k
Ω PU)
RPU_47K
Vin=OVDD
—
1
uA
Pull-up resistor (100_k
Ω PU)
RPU_100K
Vin=0V
—
48
uA
Pull-up resistor (100_k
Ω PU)
RPU_100K
Vin=OVDD
—
1
uA
Pull-down resistor (100_k
Ω PD)
RPD_100K
Vin=OVDD
—
48
uA
Pull-down resistor (100_k
Ω PD)
RPD_100K
Vin=0V
—
1
uA
Input current (no PU/PD)
IIN
VI = 0, VI = OVDD
-1
1
uA
Keeper Circuit Resistance
R_Keeper
VI = 0.3
× OVDD, VI = 0.7 × OVDD
105
175
k
Ω
1 Overshoot and undershoot conditions (transitions above OVDD and below GND) on switching pads must be held below 0.6 V,
and the duration of the overshoot/undershoot must not exceed 10% of the system clock cycle. Overshoot/ undershoot must be
controlled through printed circuit board layout, transmission line impedance matching, signal line termination, or other methods.
Non-compliance to this specification may affect device reliability or cause permanent damage to the device.
2 To maintain a valid level, the transition edge of the input must sustain a constant slew rate (monotonic) from the current DC
level through to the target DC level, Vil or Vih. Monotonic input transition time is from 0.1 ns to 1 s.
3 Hysteresis of 250 mV is guaranteed over all operating conditions when hysteresis is enabled.
Table 24. LPDDR2 I/O DC Electrical Parameters1
1 Note that the JEDEC LPDDR2 specification (JESD209_2B) supersedes any specification in this document.
Parameters
Symbol
Test Conditions
Min
Max
Unit
High-level output voltage
VOH
Ioh= -0.1mA
0.9
× OVDD
—
V
Low-level output voltage
VOL
Iol= 0.1mA
—
0.1
× OVDD
V
Input Reference Voltage
Vref
—
0.49
× OVDD
0.51
× OVDD
V
DC High-Level input voltage
Vih_DC
—
Vref+0.13
OVDD
V
DC Low-Level input voltage
Vil_DC
—
OVSS
Vref-0.13
V
Differential Input Logic High
Vih_diff
—
0.26
Note2
2 The single-ended signals need to be within the respective limits (Vih(dc) max, Vil(dc) min) for single-ended signals as well as
the limitations for overshoot and undershoot.
Differential Input Logic Low
Vil_diff
—
Note3
-0.26
Pull-up/Pull-down Impedance Mismatch
Mmpupd
—
-15
15
%
240
Ω unit calibration resolution
Rres
—
—
10
Ω
Keeper Circuit Resistance
Rkeep
—
110
175
k
Ω
Input current (no pull-up/down)
Iin
VI = 0, VI = OVDD
-2.5
2.5
μA
Table 23. GPIO DC Parameters (continued)
Parameter
Symbol
Test Conditions
Min
Max
Units



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com