Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IMX6SDLCEC Datasheet(PDF) 26 Page - NXP Semiconductors

Part # IMX6SDLCEC
Description  i.MX 6Solo/6DualLite Applications Processors for Consumer Products
PDF  169 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

IMX6SDLCEC Datasheet(HTML) 26 Page - NXP Semiconductors

Back Button IMX6SDLCEC Datasheet HTML 22Page - NXP Semiconductors IMX6SDLCEC Datasheet HTML 23Page - NXP Semiconductors IMX6SDLCEC Datasheet HTML 24Page - NXP Semiconductors IMX6SDLCEC Datasheet HTML 25Page - NXP Semiconductors IMX6SDLCEC Datasheet HTML 26Page - NXP Semiconductors IMX6SDLCEC Datasheet HTML 27Page - NXP Semiconductors IMX6SDLCEC Datasheet HTML 28Page - NXP Semiconductors IMX6SDLCEC Datasheet HTML 29Page - NXP Semiconductors IMX6SDLCEC Datasheet HTML 30Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 169 page
background image
i.MX 6Solo/6DualLite Applications Processors for Consumer Products, Rev. 9, 11/2018
26
NXP Semiconductors
Electrical Characteristics
4.1.3
Operating Ranges
Table 8 provides the operating ranges of the i.MX 6Solo/6DualLite processors. For details on the chip's
power structure, see the “Power Management Unit (PMU)” chapter of the i.MX 6Solo/6DualLite Reference
Manual (IMX6SDLRM).
Table 8. Operating Ranges
Parameter
Description
Symbol
Min
Typ
Max1
Unit
Comment2
Run mode: LDO
enabled
VDD_ARM_IN
1.3503
—
1.5
V
LDO Output Set Point (VDD_ARM_CAP) =
1.225 V minimum for operation up to 996MHz.
1.2753
—
1.5
V
LDO Output Set Point (VDD_ARM_CAP) =
1.150 V minimum for operation up to 792MHz.
1.253
—
1.5
V
LDO Output Set Point (VDD_ARM_CAP) =
1.125 V minimum for operation up to 396MHz.
VDD_SOC_IN
1.2753,4
—
1.5
V
VPU
≤ 328 MHz, VDD_SOC and VDD_PU
LDO outputs (VDD_SOC_CAP and
VDD_PU_CAP) = 1.225 V6 maximum and
1.15 V minimum.
Run mode: LDO
bypassed
VDD_ARM_IN
1.250
—
1.3
V
LDO bypassed for operation up to 996 MHz
1.150
—
1.3
V
LDO bypassed for operation up to 792 MHz
1.125
—
1.3
V
LDO bypassed for operation up to 396 MHz
VDD_SOC_IN
1.1505
—1.216
V
LDO bypassed for operation VPU
≤ 328 MHz
Standby/DSM mode
VDD_ARM_IN
0.9
—
1.3
V
Refer to Table 11, "Stop Mode Current and
Power Consumption," on page 30.
VDD_SOC_IN
0.9
—
1.2256
V—
VDD_HIGH internal
regulator
VDD_HIGH_IN
2.8
—
3.3
V
Must match the range of voltages that the
rechargeable backup battery supports.
Backup battery supply
range
VDD_SNVS_IN7
2.9
—
3.3
V
Should be supplied from the same supply as
VDD_HIGH_IN if the system does not require
keeping real time and other data on OFF
state.
USB supply voltages
USB_OTG_VBUS
4.4
—
5.25
V
—
USB_H1_VBUS
4.4
—
5.25
V
—
DDR I/O supply
voltage
NVCC_DRAM
1.14
1.2
1.3
V
LPDDR2
1.425
1.5
1.575
V
DDR3
1.283
1.35
1.45
V
DDR3L
Supply for RGMII I/O
power group8
NVCC_RGMII
1.15
—
2.625
V
1.15 V–1.30 V in HSIC 1.2 V mode
1.43 V–1.58 V in RGMII 1.5 V mode
1.70 V–1.90 V in RGMII 1.8 V mode
2.25 V–2.625 V in RGMII 2.5 V mode



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com