Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADL6316ACCZ-R7 Datasheet(PDF) 25 Page - Analog Devices

Part # ADL6316ACCZ-R7
Description  500 MHz to 1000 MHz Transmit VGA for Use with RF DACs and Transceivers
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADL6316ACCZ-R7 Datasheet(HTML) 25 Page - Analog Devices

Back Button ADL6316ACCZ-R7 Datasheet HTML 21Page - Analog Devices ADL6316ACCZ-R7 Datasheet HTML 22Page - Analog Devices ADL6316ACCZ-R7 Datasheet HTML 23Page - Analog Devices ADL6316ACCZ-R7 Datasheet HTML 24Page - Analog Devices ADL6316ACCZ-R7 Datasheet HTML 25Page - Analog Devices ADL6316ACCZ-R7 Datasheet HTML 26Page - Analog Devices ADL6316ACCZ-R7 Datasheet HTML 27Page - Analog Devices ADL6316ACCZ-R7 Datasheet HTML 28Page - Analog Devices ADL6316ACCZ-R7 Datasheet HTML 29Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 37 page
background image
Data Sheet
ADL6316
Rev. 0 | Page 25 of 37
REGISTER DETAILS
Address: 0x000, Reset: 0x00, Name: ADI_SPI_CONFIG
Soft Reset
Soft Reset
LSB First
LSB First
Endian
Endian
SDO Active
SDO Active
0
0
1
0
2
0
3
0
4
0
5
0
6
0
7
0
[7] SOFTRESET_ (R/W)
[0] SOFTRESET (R/W)
[6] LSB_FIRST_ (R/W)
[1] LSB_FIRST (R/W)
[5] ENDIAN_ (R/W)
[2] ENDIAN (R/W)
[4] SDOACTIVE_ (R/W)
[3] SDOACTIVE (R/W)
Table 22. Bit Descriptions for ADI_SPI_CONFIG
Bits
Bit Name
Description
Reset
Access
7
SOFTRESET_
Soft Reset.
0x0
R/W
0: Reset not asserted.
1: Reset asserted.
6
LSB_FIRST_
LSB First.
0x0
R/W
0: MSB first.
1: LSB first.
5
ENDIAN_
Endian.
0x0
R/W
0: Little endian.
1: Big endian.
4
SDOACTIVE_
SDO Active.
0x0
R/W
0: SDO inactive.
1: SDO active.
3
SDOACTIVE
SDO Active.
0x0
R/W
0: SDO inactive.
1: SDO active.
2
ENDIAN
Endian.
0x0
R/W
0: Little endian.
1: Big endian.
1
LSB_FIRST
LSB First.
0x0
R/W
0: MSB first.
1: LSB first.
0
SOFTRESET
Soft Reset.
0x0
R/W
0: Reset not asserted.
1: Reset asserted.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com