Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADL6316ACCZ-R7 Datasheet(PDF) 17 Page - Analog Devices

Part # ADL6316ACCZ-R7
Description  500 MHz to 1000 MHz Transmit VGA for Use with RF DACs and Transceivers
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADL6316ACCZ-R7 Datasheet(HTML) 17 Page - Analog Devices

Back Button ADL6316ACCZ-R7 Datasheet HTML 13Page - Analog Devices ADL6316ACCZ-R7 Datasheet HTML 14Page - Analog Devices ADL6316ACCZ-R7 Datasheet HTML 15Page - Analog Devices ADL6316ACCZ-R7 Datasheet HTML 16Page - Analog Devices ADL6316ACCZ-R7 Datasheet HTML 17Page - Analog Devices ADL6316ACCZ-R7 Datasheet HTML 18Page - Analog Devices ADL6316ACCZ-R7 Datasheet HTML 19Page - Analog Devices ADL6316ACCZ-R7 Datasheet HTML 20Page - Analog Devices ADL6316ACCZ-R7 Datasheet HTML 21Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 37 page
background image
Data Sheet
ADL6316
Rev. 0 | Page 17 of 37
(REGISTER 0x104, BITS[ 3:0], REGISTER 0x103, BITS[7:0]) = VVA_ATTEN, BITS[11:0]
PIN 30
DAC
VVA_ANALOG
00
10
VVA_SRC = REGISTER 0x105, BITS[1:0]
ADC INPUT
ADC CLOCK
POWER-UP DEFAULTS IN GRAY
1.8V LDO OUTPUT
MUXOUT
PIN 32
ADC_OUT, BITS[7:0]
VVA_CTRL
ADC INPUT
3.3V LDO OUTPUT
AMUX_3_SEL = REGISTER 0x120, BITS[6:4]
AMUX_1_SEL = REGISTER 0x120, BITS[2:0]
AMUX_2_SEL = REGISTER 0x120, BIT 3
PTAT
0
1
000
002
001
0
3
2
1
ADC
Figure 41. Auxiliary Mux Block Diagram
Table 12. Auxiliary Mux Programming Guide
Bit Name
Register Address
Setting
Description
AMUX_3_SEL
Register 0x120, Bits[6:4]
ADC input, VVA_CTRL, and ADC clock selection on mux. VVA_CTRL is the
internal control voltage signal to control VVA attenuation.
000
VVA_CTRL.
001
ADC input.
010
ADC clock.
011
Not used.
100
Not used.
101
Not used.
110
Not used.
111
Not used.
AMUX_2_SEL
Register 0x120, Bit 3
ADC input selection.
0
Proportional to absolute temperature (PTAT) to ADC input.
1
VVA_CTRL to ADC input.
AMUX_1_SEL
Register 0x120, Bits[2:0]
Select mux output.
000
PTAT.
001
Output of AMUX_3_SEL.
010
1.8 V LDO output.
011
3.3 V LDO output.
100
GND.
101
GND.
110
Not used.
111
Not used.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com